Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4635 Datasheet(PDF) 53 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 53 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 49Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 50Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 51Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 52Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 53Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 54Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 55Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 56Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 57Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 53 -
■ Speaker Output
AK4635 has a Mono Class-D Speaker-Amp. Power supply for Speaker-Amp(SVDD) can be set from 2.2V up to 4.0V.
The Speaker is mono and BTL output, and can drive dynamic speaker and piezo speaker without LPF (filter-less). This
speaker can output 400W@8Ω at SVDD = 3.3V, SPKG bit = “0”. This gain is set by SPKG bit (Table 37). The output
level of speaker amp is depended on voltage of SVDD and SPKG bit.
SPKG bit
Gain
0
0dB
1
+2dB (Note 39)
Note 39. The signals more than -2dBFS clip.
Table 37. SPK- Amp Gain
The power up/down speaker amp is controlled by PMSPK bit. When PMSPK bit is “0”, the SPP and SPN pins output
VSS3 level. Also ON/OFF of speaker amp is controlled by SPOUTE bit. When SPOUTE bit is “0”, the SPP and SPN pins
are in VSS3-state forcibly. When the outputting from DAC to speaker, PMDAC bit should be set to “1”.
Follow the following sequence.
P M SP K b it
S P O U T E b it
SP P p in
N o r m a l O u tp u t
S P N pin
No r m a l O u t p u t
Figure 47. Power-up/Power-down Timing for Speaker-Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com