Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4635 Datasheet(PDF) 79 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 79 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 73Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 74Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 75Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 76Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 77Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 78Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 79Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 80Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 81Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 79 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 79 -
1. Grounding and Power Supply Decoupling
The AK4635 requires careful attention to power supply and grounding arrangements. AVDD, DVDD and SVDD are
usually supplied from the system’s analog supply. If AVDD, DVDD and SVDD are supplied separately, the correct
power up sequence should be observeVSS21, VSS2 and VSS3 of the AK4635 should be connected to the analog ground
plane. System analog ground and digital ground should be connected together near to where the supplies are brought onto
the printed circuit board. Decoupling capacitors should be as near to the AK4635 as possible, with the small value
ceramic capacitor being the nearest.
2. Voltage Reference
VCOM is a signal ground of this chip. A 2.2
μF electrolytic capacitor in parallel with a 0.1μF ceramic capacitor attached
to the VCOM pin eliminates the effects of high frequency noise. No load current may be drawn from the VCOM pin. All
signals, especially clocks, should be kept away from the VCOM pin in order to avoid unwanted coupling into the
AK4635.
3. Analog Inputs
The Mic and Line inputs supports single-ended and differential. The input signal range scales with nominally at 0.06 x
AVDD Vpp for the Mic input and 0.6 x AVDD Vpp for the Beep input, centered around the internal common voltage
(approx. 0.45 x AVDD). Usually the input signal is AC coupled using a capacitor. The cut-off frequency is fc = (1/2
πRC).
The AK4635 can accept input voltages from VSS1 to AVDD.
4. Analog Outputs
The input data format for the DAC is 2’s complement. The output voltage is a positive full scale for 7FFFH(@16bit) and
a negative full scale for 8000H(@16bit). Mono Line Output from the AOUT pin is centered at 0.45 x AVDD (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com