Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4635 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 12 -
SWITING CHARACTERISTICS
(Ta =
−30 ~ 85°C; AVDD = 2.8 ∼ 3.6V, DVDD = 1.6 ∼ 3.6V, SVDD = 2.2 ∼ 4.0V; CL = 20pF)
Parameter
Symbol
min
typ
max
Units
PLL Master Mode (PLL Reference Clock = MCKI pin) (Figure 6)
MCKI Input: Frequency
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
11.2896
0.4/fCLK
0.4/fCLK
-
-
-
27.0
-
-
MHz
ns
ns
MCKO Output:
Frequency
Duty Cycle except fs=29.4kHz, 32kHz
fs =29.4kHz, 32kHz (Note 28)
fMCK
dMCK
dMCK
-
40
-
256 x fFCK
50
33
-
60
-
kHz
%
%
FCK Output: Frequency
Pulse width High
(DIF1-0 bits = “00” and FCKO bit = “1”)
Duty Cycle
(DIF1-0 bits = “00” or FCKO bit = “0”)
fFCK
tFCKH
dFCK
8
-
-
-
tBCK
50
48
-
-
kHz
ns
%
BICK: Period (BCKO1-0 = “00”)
(BCKO1-0 = “01”)
(BCKO1-0 = “10”)
Duty Cycle
tBCK
tBCK
tBCK
dBCK
-
-
-
-
1/16fFCK
1/32fFCK
1/64fFCK
50
-
-
-
-
ns
ns
ns
%
Audio Interface Timing
DSP Mode: (Figure 7, Figure 8)
FCK “
↑” to BICK “↑” (Note 29)
FCK “
↑” to BICK “↓” (Note 30)
BICK “
↑” to SDTO (BCKP = “0”)
BICK “
↓” to SDTO (BCKP = “1”)
SDTI Hold Time
SDTI Setup Time
tDBF
tDBF
tBSD
tBSD
tSDH
tSDS
0.5 x tBCK
−40
0.5 x tBCK
−40
-70
-70
50
50
0.5 x tBCK
0.5 x tBCK
-
-
-
-
0.5 x tBCK + 40
0.5 x tBCK +40
70
70
-
-
ns
ns
ns
ns
ns
ns
Except DSP Mode: (Figure 9)
BICK “
↓” to FCK Edge
FCK to SDTO (MSB)
(Except I2S mode)
BICK “
↓” to SDTO
SDTI Hold Time
SDTI Setup Time
tBFCK
tFSD
tBSD
tSDH
tSDS
−40
−70
−70
50
50
-
-
-
-
-
40
70
70
-
-
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com