Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4635 Datasheet(PDF) 69 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 69 Page - Asahi Kasei Microsystems

Back Button AK4635 Datasheet HTML 65Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 66Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 67Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 68Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 69Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 70Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 71Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 72Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 73Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 69 -
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
05H
Mode Control 2
ADRST
FCKO
FS3
MSBS
BCKP
FS2
FS1
FS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
FS3-0: Setting of Sampling Frequency (Table 5 and Table 6) and MCKI Frequency (Table 11)
These bits are selected to sampling frequency at PLL mode and MCKI frequency at EXT mode.
Default: “0000”
BCKP, MSBS: “00” (default) (Table 17)
FCKO: Select FCK output frequency at Master Mode (Table 10)
Default: “0”
ADRST: Initialization cycle setting of ADC
0: 1059/fs (default)
1: 291/fs
Addr
Register Name
D7
D6
D5
D4
D3
D2
D1
D0
06H
Timer Select
0
WTM2
ZTM1
ZTM0
WTM1
WTM0
RFST1
RFST0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
WTM2-0: ALC1 Recovery Waiting Period (Table 28)
A period of recovery operation when any limiter operation does not occur during the ALC1 operation.
Default is “000”.
ZTM1-0: ALC1, ALC2, IVOL and OVOL Zero crossing timeout Period (Table 27)
The gain is changed by the manual volume controlling (ALC off) or the recovery operation (ALC on) only at
Zero crossing or timeout. The default value is “00”.
RFST1-0 : ALC First recovery Speed (Table 32)
Default: “00” (4times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com