Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4635 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4635
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4635 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4635 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4635 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 81 page
background image
[AK4635]
Rev. 0.6
2007/10
- 5 -
PIN/FUNCTION
No. Pin Name
I/O
Function
D2
VCOM
O
Common Voltage Output Pin, 0.45 x AVDD
Bias voltage of ADC inputs and DAC outputs.
C1
VSS1
-
Ground Pin
D1
AVDD
-
Analog Power Supply Pin
E2
VCOC
O
Output Pin for Loop Filter of PLL Circuit
This pin should be connected to VSS1 with one resistor and capacitor in series.
A2
PDN
I
Power-Down Mode Pin
“H”: Power up, “L”: Power down reset and initialize the control register.
AK4635 should always be reset when powered-up.
A6
I2C
I
Control Mode Select Pin
“H”:I2C Bus, “L”:3-wire Serial
CSN
I
Chip Select Pin (I2C pin = “L”)
B2
SDA
I/O
Control Data Input/Output Pin (I2C pin = “H”)
CCLK
I
Control Data Clock Pin (I2C pin = “L”)
B3
SCL
I
Control Data Clock Pin (I2C pin = “H”)
C3
CDTIO
I/O
Control Data Input/Output Pin (I2C pin = “L”)
This pin should be connected to the ground. (I2C pin = “H”)
B4
SDTI
I
Audio Serial Data Input Pin
A5
SDTO
O
Audio Serial Data Output Pin
A3
FCK
I/O
Frame Clock Pin
A4
BICK
I/O
Audio Serial Data Clock Pin
B6
DVDD
-
Digital Power Supply Pin
C6
VSS2
-
Ground Pin
C4
MCKI
I
External Master Clock Input Pin
B5
MCKO
O
Master Clock Output Pin
E5
SPP
O
Speaker Amp Positive Output Pin
C5
SPN
O
Speaker Amp Negative Output Pin
D6
VSS3
-
Ground Pin
D5
SVDD
-
Speaker Amp Power Supply Pin
D4
AOUT
O
Mono Line Output Pin
D3
MPI
O
MIC Power Supply Pin for Microphone
MIC
I
Microphone Input Pin for Single Ended Input
(MDIF bit = “0”)
E3
MICP
I
Microphone Positive Input Pin for Differential Input
(MDIF bit = “1”)
LIN
I
Line Input Pin for Single Ended Input
(MDIF bit = “0”)
E4
MICN
I
Microphone Negative Input Pin for Differential Input
(MDIF bit = “1”)
E1
VIN
I
Composite Video Signal Input Pin
C2
VOUT
O
Composite Video Signal Driver Pin
A1
VSAG
I
Composite Video Signal Output Feedback Input Pin
E6
NC
-
No Connection
No internal bonding. This pin should be connected to the ground.
Note : All input pins except analog input pins (MIC/MICP, LIN/MICN, VIN, VSAG pins) must not be left floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com