| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 432 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 432 Page - Freescale Semiconductor, Inc |
|
432 / 1386 page ![]() Memory Controller MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 11-12 Freescale Semiconductor 11.2.14 BADDR[27:31] Signal Connections The memory controller uses BADDR[27:31] to interface memory and peripheral devices on the 60x bus in 60x-compatible mode. Not all the BADDR line are necessarily used. Use Table 11-2 to determine which BADDR lines are needed for the device connection. 11.3 Register Descriptions Table 11-3 lists registers used to control the 60x bus memory controller. Table 11-2. BADDR Connections BADDR[x] 64/72-Bit Port Size SDRAM Non-SDRAM 64-/72-Bit Port Size Device 32-Bit Port Size SDRAM Non-SDRAM 32-Bit Port Size Device Any 16-Bit Port Size Device Any 8-Bit Port Size Device BADDR[27] N.C. Connected N.C. Connected Connected Connected BADDR[28] N.C. Connected N.C. Connected Connected Connected BADDR[29] N.C. N.C N.C. Connected Connected Connected BADDR[30] N.C. N.C N.C. N.C Connected Connected BADDR[31] N.C. N.C N.C. N.C. N.C. Connected Table 11-3. 60x Bus Memory Controller Registers Abbreviation Name Reference BR0–BR11 Base register banks 0–11 Section 11.3.1 OR0–OR11] Option register banks 0–11 Section 11.3.2 PSDMR 60x bus SDRAM machine mode register Section 11.3.3 LSDMR Local bus SDRAM machine mode register Section 11.3.4 MAMR UPMA mode register Section 11.3.5 MBMR UPMB mode register MCMR UPMC mode register MDR Memory data register Section 11.3.6 MAR Memory address register Section 11.3.7 MPTPR Memory refresh timer prescaler register Section 11.3.12 PURT 60x bus assigned UPM refresh timer Section 11.3.8 PSRT 60x bus assigned SDRAM refresh timer Section 11.3.10 LURT Local bus assigned UPM refresh timer Section 11.3.9 LSRT Local bus assigned SDRAM refresh timer Section 11.3.11 TESCRx 60x bus error status and control registers Section 11.3.13 LTESCRx Local bus error status and control regs Section 11.3.14 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |