| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 430 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 430 Page - Freescale Semiconductor, Inc |
|
430 / 1386 page ![]() Memory Controller MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 11-10 Freescale Semiconductor of one stage within the memory controller in which the data check calculations are done, thus eliminating the additional data setup time requirement. Note that this feature cannot be used with L2 cacheable banks and that in systems that involve both MPC8280-type masters and 60x compatible master, this feature can still be used on the 60x bus under the following restrictions: 1. The arbiter and the memory controller are in the same MPC8280. 2. The register field BCR[NPQM] is setup correctly. See “Section 11.9, “External Master Support (60x-Compatible Mode),” and “Section 4.3.2.1, “Bus Configuration Register (BCR).” 11.2.10 External Memory Controller Support The MPC8280 has an option to allocate specific banks (address spaces) to be controlled by an external memory controller or bus slave, while retaining all the bank properties: port size, data check/correction, atomic operation, and data pipelining. This is done by programming BRx and ORx[AM] and by setting the external memory controller bit, BRx[EMEMC]. This action automatically assigns the bank to the 60x bus. For an access that hits the bank, all bus acknowledgment signals (such as AACK, PSDVAL, and TA) and the memory-device control strobes are driven by an external memory controller or slave. If the device that initiates the transaction is internal to the MPC8280, the memory controller handles the port size, data checking, atomic locking, and data pipelining as if the access were governed by it. This feature allows multiple MPC8280 systems to be connected in 60x-compatible mode without losing functionality and performance. It also makes it easy to connect other 60x-compatible slaves on the 60x bus. 11.2.11 External Address Latch Enable Signal (ALE) The memory controller provides control for an external address latch, needed on the 60x bus in 60x compatible mode. ALE is asserted for one clock cycle on the first cycle of each memory-controller transaction. In this section, whenever ALE is not on a timing diagram, assume that it is asserted on the first cycle in which CS can be asserted. NOTE ALE is relevant only on the 60x bus and only in 60x-compatible mode. 11.2.12 ECC/Parity Byte Select (PBSE) Systems that use ECC or read-modify-write parity, require an additional memory device that requires byte-select like a normal data device. ANDing BS[0–7] through external logic to achieve the logical function of this byte-select can affect the memory access timing because it adds a delay to the byte-select path. The MPC8280’s memory controller provides optional byte-select pins that are an internal AND of the eight byte selects, allowing glueless, faster connection to ECC/RMW-parity devices. This option is enabled by setting SIUMCR[PBSE], as described in Section 4.3.2.6, “SIU Module Configuration Register (SIUMCR).” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |