| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 562 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 562 Page - Freescale Semiconductor, Inc |
|
562 / 1386 page ![]() Communications Processor Module Overview MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 14-12 Freescale Semiconductor the miscellaneous parameter RAM portion of the CPM's internal dual-port Ram (DPR). The user can then access this location in DPR to determine which version of CPM microcode is contained in that device. Table 14-5 describes which microcode version numbers are associated with each silicon revision. 14.4 Command Set The core issues commands to the CP by writing to the CP command register (CPCR). The CPCR rarely needs to be accessed. For example, to terminate the transmission of an SCC’s frame without waiting until the end, a STOP TX command must be issued through the CP command register (CPCR). 14.4.1 CP Command Register (CPCR) The core should set CPCR[FLG], shown in Figure 14-6, when it issues a command and the CP clears FLG after completing the command, thus indicating to the core that it is ready for the next command. Subsequent commands to the CPCR can be given only after FLG is clear. However, the software reset command issued by setting RST does not depend on the state of FLG, but the core should still set FLG when setting RST. Table 14-5. RISC Microcode Revision Number Address Name Width Description RAM Base + 0x8AF0 REV_NUM Hword Microcode revision number. If working with newer silicon than what is shown below, consult the product page on the web. Rev 0.0—0x0070 Rev 0.1—0x0070 RAM Base + 0x8AF2 — Hword Reserved 0 1 5 6 10 11 15 Field RST PAGE Sub-block code (SBC) — FLG Reset 0000_0000_0000_0000 R/W R/W Addr 0x119C0 16 17 18 25 26 27 28 31 Field — MCN EP1 OPCODE Reset 0000_0000_0000_0000 R/W R/W Addr 0x119C2 1 Only in USB. Otherwise reserved. Figure 14-6. CP Command Register (CPCR) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |