Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 713 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 713 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 709Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 710Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 711Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 712Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 713Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 714Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 715Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 716Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 717Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 713 / 1386 page
background image
SCC UART Mode
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
21-7
21.8
Multidrop Systems and Address Recognition
In multidrop systems, more than two stations can be on a network, each with a specific address.
Figure 21-2 shows two examples of this configuration. Frames made up of many characters can be
broadcast as long as the first character is the destination address. The UART frame is extended by one bit
to distinguish an address character from standard data characters. Programmed in PSMR[UM], the
controller supports the following two multidrop modes:
•
Automatic multidrop mode—The controller checks the incoming address character and accepts
subsequent data only if the address matches one of two user-defined values. The two 16-bit address
registers, UADDR1 and UADDR2, support address recognition. Only the lower 8 bits are used so
the upper 8 bits should be cleared; for addresses less than 8 bits, unused high-order bits should also
be cleared. The incoming address is checked against UADDR1 and UADDR2. When a match
occurs, RxBD[AM] indicates whether UADDR1 or UADDR2 matched.
•
Manual multidrop mode—The controller receives all characters. An address character is always
written to a new buffer and can be followed by data characters. User software performs the address
comparison.
Figure 21-2. Two UART Multidrop Configurations
21.9
Receiving Control Characters
The UART receiver can recognize special control characters used in a message-based environment. Eight
control characters can be defined in a control character table in the UART parameter RAM. Each incoming
character is compared to the table entries using a mask (the received control character mask, RCCM) to
strip don’t cares. If a match occurs, the received control character can either be written to the receive buffer
or rejected.
Tx
Rx
1
Tx
Rx
2
Tx
Rx
3
Tx
Rx
4
Tx
Rx
Tx
Rx
Tx
Rx
Tx
Rx
Slave 2
Slave 3
Slave 1
Master
UADDR1
UADDR2
PAODR
Choose wired-or operation in the port A
open-drain register to allow multiple transmit
pins to be directly connected
+ V
R
Two 8-bit addresses can be automatically
recognized in either configuration
+ V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com