| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 937 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 937 Page - Freescale Semiconductor, Inc |
|
937 / 1386 page ![]() Multi-Channel Controllers (MCCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 29-47 29.10.1 Stopping and Restarting a Single-Channel The following sequence must be followed to stop a single channel in order to change the MCC parameters of the respective channel: 1. Issue a STOP command for the respective channel as described in Section 29.7, “MCC Commands,” or change the associated SI RAM entry to point to a channel which is not active and wait for two frame periods in order to clear the internal FIFOs. 2. Change the channel parameters. 3. Enable the MCC channel(s) as described in Section 29.3.1.1, “Internal Transmitter State (TSTATE)—HDLC Mode,” and Section 29.3.1.4, “Internal Receiver State (RSTATE)—HDLC Mode,” or change the associated SI RAM entry to point to the respective channel. The following sequence must be followed to stop a single channel in order to change the SI without using the shadow SI: 1. Issue a STOP command for the respective channel as described in Section 29.7, “MCC Commands.” 2. Change the SI. 3. Enable the MCC channel as described in Section 29.3.1.1, “Internal Transmitter State (TSTATE)—HDLC Mode,” and Section 29.3.1.4, “Internal Receiver State (RSTATE)—HDLC Mode.” It is possible to change the SI using the SI shadow while the channel is active. Both the primary and the shadow configuration of the SI RAM must observe the configuration defined in MCCF (see Section 29.6, “MCC Configuration Registers (MCCFx)”). The MCCF cannot be changed while there are active channels. 29.10.2 Stopping and Restarting a Superchannel The following sequence must be followed to stop a super channel in order to change the SI: 1. Issue a STOP command for the respective channel as described in Section 29.7, “MCC Commands.” 2. Disable the TDM. 3. Change the SI. 4. Enable the TDM. 5. If necessary, change the MCC parameters (in DPRAM and external memory). 6. Enable the MCC channel(s) as described in Section 29.3.1.1, “Internal Transmitter State (TSTATE)—HDLC Mode,” and Section 29.3.1.4, “Internal Receiver State (RSTATE)—HDLC Mode.” Under the following restrictions, the SI can be changed using the SI shadow while the channel is active: • Both the primary and the shadow configuration of the SI RAM must observe the configuration of the super channel. Note that the super-channel table and MCCF register cannot be changed dynamically. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |