| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1044 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1044 Page - Freescale Semiconductor, Inc |
|
1044 / 1386 page ![]() ATM Controller and AAL0, AAL1, and AAL5 MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 31-84 Freescale Semiconductor 31.12.2.1 UTOPIA Slave Multiple PHY Operation The user should write the ATM controller PHY address in FPSMR[PHY ID]. 31.12.2.2 UTOPIA Clocking Modes The UTOPIA clock can be generated internally or externally. If the UTOPIA clock is to be generated internally, the user should assign one of the baud-rate generators to supply the UTOPIA clock. See Chapter 16, “CPM Multiplexing.” 31.12.2.3 UTOPIA Loop-Back Modes The UTOPIA interface supports loop-back mode. In this mode, the Rx and Tx UTOPIA signals are shorted internally. Output pins are driven; input pins are ignored. Note that in loop-back mode, the transmitter and receiver must operate in complementary modes. For example, if the transmitter is master, the receiver must be a slave (FPSMR[TUMS] = 0, FPSMR[RUMS] = 1). TxCLK Transmit clock. Provides the synchronization reference for the TxDATA, TxSOC, TxENB, TxCLAV, and TxPRTY signals. All of the above signals are sampled at low-to-high transitions of TxCLK. TxADD[4–0] Transmit address. Address bus from the master to the ATM controller used to select the appropriate M-PHY device. RxDATA[15–0]/[7–0] Receive data bus. Carries receive data from the master to the ATM controller. RxDATA[15]/[7] is the msb, RxDATA[0] is the lsb. RxSOC Receive start of cell. Asserted by the master device whenever the first byte of a cell is being received on the RxDATA lines. RxENB Receive enable. Asserted by the master device to signal the slave to sample the RxDATA and RxSOC signals. RxCLAV Receive cell available. Asserted by the ATM controller to indicate it can receive a complete cell. RxPRTY Receive parity. Asserted by the PHY device. It is an odd parity bit over the RxDATA[15–0]. If there is a RxPRTY error and the receive parity check FPSMR[RxP] is cleared, the cell is discarded. See Section 31.13.2, “FCC Protocol-Specific Mode Register (FPSMR),” and Section 31.10.7, “UNI Statistics Table.” RxCLK Receive clock. Provides the synchronization reference for the RxDATA, RxSOC, RxENB, RxCLAV, and RxPRTY signals. All the above signals are sampled at low-to-high transitions of RxCLK. RxADD[4–0] Receive address. Address bus from master to the ATM controller device used to select the appropriate M-PHY device. Table 31-45. UTOPIA Slave Mode Signals (continued) Signal Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |