| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1074 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1074 Page - Freescale Semiconductor, Inc |
|
1074 / 1386 page ![]() ATM AAL1 Circuit Emulation Service MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 32-14 Freescale Semiconductor The user may use external logic to convert the framer super-frame SYNC to trigger the MCC. The MCC captures the CAS block from the external framer and copies it transparently into one of four internal CAS blocks. Each byte in the CAS block contains a nibble of valid CAS information (depicted in Figure 32-8). Note that the buffer data size should not include the CAS octets. 32.4.7.2.1 CAS Mapping Using the Core (Optional) To avoid using another TDM dedicated to CAS information, the user can use a parallel interface (controlled by the core) to deliver the CAS information from the framer to the incoming CAS block. In this case, the core service routine reads the CAS information from the external framer and writes it to the incoming CAS block. To optimize the process, the framer can interrupt the core only when new information is received. 32.4.7.3 ATM-to-TDM CAS Support During the reassembly process, the AAL1 CES receiver unpacks the signaling information from the end of an AAL1 super frame (depicted in Figure 32-3) and places it in the internal CAS block (using the receive CAS routing table). All AAL1 functions operate normally (AAL1 PDU-header verification, bit count integrity, 3-step-SN algorithm, etc.). Each common (MCC, ATM) BD table should point to buffers that can contain a whole number of super frames. The last buffer of the super frame is marked with EOSF. After closing a buffer with an EOSF indication, the ATM receiver processes the CAS data (copies it to the internal CAS block from the AAL1 cell payload at the receive side). The EOSF indication in the BD is statically set by the CPU while initializing the BD table. See Figure 32-13. Figure 32-13. CAS Flow ATM-to-TDM The CAS block is read from the internal RAM by the MCC. The MCC transmitter continuously reads the signaling information from one of the four outgoing internal CAS blocks and writes it transparently into EOSF EOSF Buffer 1 Buffer 2 Buffer 3 Buffer 4 MCC Tx Data I/F T1/E1 framer MCC Tx pointer ATM Rx pointer ATM Rx UTOPIA interface BD table per VC MCC Tx Outgoing CAS block per trunk (internal RAM) Receive CAS routing table Super frame Super frame CAS serial I/F T1/E1 framer Shown in Figure 1-10 Note: With CAS only 4 T1/E1 are supported. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |