Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1103 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1103 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1099Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1100Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1101Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1102Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1103Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1104Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1105Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1106Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1103 / 1386 page
background image
ATM AAL1 Circuit Emulation Service
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
32-43
32.15 Internal AAL1 CES Statistics Tables
An AAL1 CES statistics table, shown in Table 32-14, resides in the dual-port RAM and holds AAL1 CES
statistics on a per-VC basis. AAL1_Int_STATT_BASE points to the base address of these tables. Each
AAL1 channel has its own table with a starting address given by AAL1_Int_STATT_BASE +
ATM_CHANNEL#
× 8.
0
15
Offset + 0x00
0x0000
Offset + 0x02
0x0007
Offset + 0x04
0x000D
Offset + 0x06
0x000A
Offset + 0x08
0x000E
Offset + 0x0A
0x0009
Offset + 0x0C
0x0003
Offset + 0x0E
0x0004
Offset + 0x10
0x000B
Offset + 0x12
0x000C
Offset + 0x14
0x0006
Offset + 0x16
0x0001
Offset + 0x18
0x0005
Offset + 0x1A
0x0002
Offset + 0x1C
0x0008
Offset + 0x1E
0x000F
Figure 32-31. AAL1 Sequence Number (SN) Protection Table
Table 32-14. AAL1 CES DPR Statistics Table
Offset
Name
Width
Description
0x00
Rx_AAL1_VALID
Hword
16-bit cyclic counter. Counts the total received AAL1 cells delivered to the
receive buffers. This counter includes the tag cells (with SCE, SNE).
0x02
Rx_AAL1_BOV
Hword
16-bit cyclic counter. Counts the number of ATM buffer-pre overrun events i.e
the ATM write pointer reaches the ATM_STOP threshold.See Section 32.5,
“ATM-to-TDM Adaptive Slip Control.”
0x04
Tx_AAL1_VALID
Hword
16-bit cyclic counter. Counts the transmitted AAL1 cells.
0x06
Tx_AAL1_BUN
Hword
16-bit cyclic counter. Counts the number of ATM buffer underrun events. See
Section 32.4.1.2, “TDM-to-ATM.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com