Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1142 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1142 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1138Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1139Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1140Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1141Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1142Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1143Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1144Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1145Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1146Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1142 / 1386 page
background image
ATM AAL2
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
33-36
Freescale Semiconductor
0x98
AAL1_SNPT_BASE
Hword
AAL1 SN protection look up table base address. (AAL1 only.) The
32-byte table resides in dual-port RAM and must be initialized by the user
(See Section 31.10.6, “AAL1 Sequence Number (SN) Protection Table”).
0x9A
—
Hword
Reserved. Should be cleared during initialization.
0x9C
SRTS_BASE
Word
External SRTS logic base address. (AAL1 only.) Should be 16-byte
aligned.
0xA0
IDLE/UNASSIGN_BASE
Hword
Idle/unassign cell base address. Points to dual-port RAM area contains
idle/unassign cell template (little-endian format). Should be 64-byte
aligned. User-defined. The ATM header should be 0x0000_0000 or
0x0100_0000 (CLP=1).
0xA2
IDLE/UNASSIGN_SIZE
Hword
Idle/Unassign cell size. 52 in regular mode. 53–64 in UDC mode.
0xA4
EPAYLOAD
Word
Reserved payload. Initialize to 0x6A6A6A6A.
0xA8
Trm
Word
(ABR only) The upper bound on the time between F-RM cells for an
active source. TM 4.0 defines the Trm period as 100 msec. The Trm value
is defined by the system clock and the time stamp timer prescaler (See
RTSCR). For time stamp prescalar of 1µs, Trm should be set to 100
ms/1µs = 100,000.
0xAC
Nrm
Hword
(ABR only) Controls the maximum cells the source may send for each
F-RM cell. Set to 32 cells.
0xAE
Mrm
Hword
(ABR only) Controls the bandwidth between F-RM, B-RM and user data
cell. Set to 2 cells.
0xB0
TCR
Hword
(ABR only) Tag cell rate. The minimum cell rate allowed for all ABR
channels. An ABR channel whose ACR is less than TCR sends only
out-of-rate F-RM cells at TCR. Should be set to 10 cells/sec as defined
in the TM 4.0. Uses the ATMF TM 4.0 floating-point format. Note that the
APC minimum cell rate should be at least TCR.
0xB2
ABR_RX_TCTE
Hword
(ABR only) Points to total of 16 bytes reserved dual-port RAM area used
by the CP. Should be 16-byte aligned. User-defined.
0xB4
RxQD_Base_Ext
Word
Points to the base address of the external RxQD table. The actual
address of the first RxQD in the table is RxQD_Base_Ext + 512*4.
User-defined.
0xB8
RX_UDC_Base
Word
Valid only for AAL2 VCs. Points to the base of the RX UDC header table
that contains the UDC headers of the AAL2 VCs. The pointer to a VC
UDC header is: RX_UDC_Base + 16*CH# (where CH# is the ATM
channel number)
0xBC
TX_UDC_Base
Word
Valid only for AAL2 VCs. Points to the base of the TX UDC header table
that contains the UDC headers of the AAL2 VCs. The pointer to a VC
UDC header is: TX_UDC_Base + 16*CH# (where CH# is the ATM
channel number)
0xC0–
0xDF
—
—
Reserved. Should be cleared during initialization.
Table 33-13. AAL2 Parameter RAM (continued)
Offset
Name
Width
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com