| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1220 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1220 Page - Freescale Semiconductor, Inc |
|
1220 / 1386 page ![]() ATM Transmission Convergence Layer MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 35-4 Freescale Semiconductor cell header. The cell delineation algorithm assumes that repetitive correct HEC calculations over consecutive cells indicate valid ATM cell boundaries. The RCF performs a sequential bit by bit hunt for a correct HEC sequence. While performing this hunt, the cell delineation state machine is in HUNT state. When a correct HEC is found, the RCF locks on the particular cell boundary and enters the PRESYNCH state, which indicates that the previously detected HEC pattern is not a false indication. If a correct HEC pattern is false, an incorrect HEC is received within the next DELTA cells. If an incorrect cell is detected, then a transition to the HUNT state is made. If an incorrect HEC is not detected in the PRESYNCH state, a transition to the SYNCH state is made. In the SYNCH state, the TC is assumed to be synchronized so that other functions can be applied to the received cell. A transition back to the HUNT state is made only after ALPHA consecutive incorrect HEC patterns are detected. The cell delineation state machine is shown in Figure 35-3. The ALPHA and DELTA parameters determine the robustness of the delineation method. ALPHA determines the robustness against false misalignment due to bit errors. DELTA determines the robustness against false delineation in the synchronization. Both parameters are programmable for each TC block and are provided to help tune the system according to the line error characteristics of a specific application. Figure 35-3. TC Cell Delineation State Machine The RCF descrambles (programmable) the cell payload using the self-synchronizing descrambler with a polynomial of x43 + 1. The HEC calculation is a CRC-8 calculation over the first four octets of the ATM cell header. The RCF verifies the received HEC using the accumulation polynomial, x8 + x2 + x + 1. The coset polynomial x6 +x4 + x2 + 1 is added (modulo 2) to the received HEC octet before comparison with the calculated result (programmable). The RCF can perform single bit error correction on the header. If multiple bit errors are found in the HEC, the cell is discarded. If the single bit error correction mode is not enabled (TCMODE[SBC] = 1), the cell is also discarded when a single bit error is found in the header. HUNT PRESYNCH SYNCH DELTA Consecutive Correct HEC Correct HEC Incorrect HEC ALPHA Incorrect HEC Consecutive Bit-by-Bit Cell-by-Cell Cell-by-Cell |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |