Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 329 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 329 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 325Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 326Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 327Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 328Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 329Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 330Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 331Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 332Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 333Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
329
7.3.2.13
Main Timer Interrupt Flag 2 (TFLG2)
Read: Anytime
Write used in the flag clearing mechanism. Writing a one to the flag clears the flag. Writing a zero will not
affect the current status of the bit.
NOTE
When TFFCA = 1, the flag cannot be cleared via the normal flag clearing
mechanism (writing a one to the flag). Reference Section 7.3.2.6, “Timer
System Control Register 1 (TSCR1)”.
All bits reset to zero.
TFLG2 indicates when interrupt conditions have occurred. The flag can be cleared via the normal flag
clearing mechanism (writing a one to the flag) or via the fast flag clearing mechanism (Reference TFFCA
bit in Section 7.3.2.6, “Timer System Control Register 1 (TSCR1)”).
76543210
R
TOF
0000000
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-18. Main Timer Interrupt Flag 2 (TFLG2)
Table 7-17. TFLG2 Field Descriptions
Field
Description
7
TOF
Timer Overflow Flag — Set when 16-bit free-running timer overflows from 0xFFFF to 0x0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com