Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 333 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 333 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 329Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 330Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 331Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 332Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 333Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 334Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 335Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 336Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 337Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
333
.
5
PAMOD
Pulse Accumulator Mode — This bit is active only when the Pulse Accumulator A is enabled (PAEN = 1).
0 Event counter mode
1 Gated time accumulation mode
4
PEDGE
Pulse Accumulator Edge Control — This bit is active only when the Pulse Accumulator A is enabled
(PAEN = 1). Refer to Table 7-19.
For PAMOD bit = 0 (event counter mode).
0 Falling edges on PT7 pin cause the count to be incremented
1 Rising edges on PT7 pin cause the count to be incremented
For PAMOD bit = 1 (gated time accumulation mode).
0 PT7 input pin high enables bus clock divided by 64 to Pulse Accumulator and the trailing falling edge on PT7
sets the PAIF flag.
1 PT7 input pin low enables bus clock divided by 64 to Pulse Accumulator and the trailing rising edge on PT7
sets the PAIF flag.
If the timer is not active (TEN = 0 in TSCR1), there is no divide-by-64 since the
÷64 clock is generated by the
timer prescaler.
3:2
CLK[1:0]
Clock Select Bits — For the description of PACLK please refer to Figure 7-70.
If the pulse accumulator is disabled (PAEN = 0), the prescaler clock from the timer is always used as an input
clock to the timer counter. The change from one selected clock to the other happens immediately after these bits
are written. Refer to Table 7-20.
2
PAOVI
Pulse Accumulator A Overflow Interrupt Enable
0 Interrupt inhibited
1 Interrupt requested if PAOVF is set
0
PAI
Pulse Accumulator Input Interrupt Enable
0 Interrupt inhibited
1 Interrupt requested if PAIF is set
Table 7-19. Pin Action
PAMOD
PEDGE
Pin Action
0
0
Falling edge
0
1
Rising edge
1
0
Divide by 64 clock enabled with pin high level
1
1
Divide by 64 clock enabled with pin low level
Table 7-20. Clock Selection
CLK1
CLK0
Clock Source
0
0
Use timer prescaler clock as timer counter clock
0
1
Use PACLK as input to timer counter clock
1
0
Use PACLK/256 as timer counter clock frequency
1
1
Use PACLK/65536 as timer counter clock frequency
Table 7-18. PACTL Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com