Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 334 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 334 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 330Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 331Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 332Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 333Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 334Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 335Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 336Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 337Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 338Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
334
Freescale Semiconductor
7.3.2.16
Pulse Accumulator A Flag Register (PAFLG)
Read: Anytime
Write used in the flag clearing mechanism. Writing a one to the flag clears the flag. Writing a zero will not
affect the current status of the bit.
NOTE
When TFFCA = 1, the flags cannot be cleared via the normal flag clearing
mechanism (writing a one to the flag). Reference Section 7.3.2.6, “Timer
System Control Register 1 (TSCR1)”.
All bits reset to zero.
PAFLG indicates when interrupt conditions have occurred. The flags can be cleared via the normal flag
clearing mechanism (writing a one to the flag) or via the fast flag clearing mechanism (Reference TFFCA
bit in Section 7.3.2.6, “Timer System Control Register 1 (TSCR1)”).
7.3.2.17
Pulse Accumulators Count Registers (PACN3 and PACN2)
76543210
R
000000
PAOVF
PAIF
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-36. Pulse Accumulator A Flag Register (PAFLG)
Table 7-21. PAFLG Field Descriptions
Field
Description
1
PAOVF
Pulse Accumulator A Overflow Flag — Set when the 16-bit pulse accumulator A overflows from 0xFFFF to
0x0000, or when 8-bit pulse accumulator 3 (PAC3) overflows from 0x00FF to 0x0000.
When PACMX = 1, PAOVF bit can also be set if 8-bit pulse accumulator 3 (PAC3) reaches 0x00FF followed by
an active edge on PT3.
0
PAIF
Pulse Accumulator Input edge Flag — Set when the selected edge is detected at the PT7 input pin. In event
mode the event edge triggers PAIF and in gated time accumulation mode the trailing edge of the gate signal at
the PT7 input pin triggers PAIF.
76543210
R
PACNT7(15) PACNT6(14) PACNT5(13) PACNT4(12) PACNT3(11) PACNT2(10)
PACNT1(9)
PACNT0(8)
W
Reset
00000000
Figure 7-37. Pulse Accumulators Count Register 3 (PACN3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com