Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 338 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 338 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 334Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 335Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 336Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 337Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 338Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 339Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 340Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 341Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 342Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
338
Freescale Semiconductor
7.3.2.20
16-Bit Modulus Down-Counter FLAG Register (MCFLG)
Read: Anytime
Write only used in the flag clearing mechanism for bit 7. Writing a one to bit 7 clears the flag. Writing a
zero will not affect the current status of the bit.
NOTE
When TFFCA = 1, the flag cannot be cleared via the normal flag clearing
mechanism (writing a one to the flag). Reference Section 7.3.2.6, “Timer
System Control Register 1 (TSCR1)”.
All bits reset to zero.
Table 7-23. Modulus Counter Prescaler Select
MCPR1
MCPR0
Prescaler Division
00
1
01
4
10
8
11
16
76543210
R
MCZF
0
0
0
POLF3
POLF2
POLF1
POLF0
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-42. 16-Bit Modulus Down-Counter FLAG Register (MCFLG)
Table 7-24. MCFLG Field Descriptions
Field
Description
7
MCZF
Modulus Counter Underflow Flag — The flag is set when the modulus down-counter reaches 0x0000.
The flag indicates when interrupt conditions have occurred. The flag can be cleared via the normal flag clearing
mechanism (writing a one to the flag) or via the fast flag clearing mechanism (Reference TFFCA bit in
Section 7.3.2.6, “Timer System Control Register 1 (TSCR1)”).
3:0
POLF[3:0]
First Input Capture Polarity Status — These are read only bits. Writes to these bits have no effect.
Each status bit gives the polarity of the first edge which has caused an input capture to occur after capture latch
has been read.
Each POLFx corresponds to a timer PORTx input.
0 The first input capture has been caused by a falling edge.
1 The first input capture has been caused by a rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com