Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 342 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 342 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 338Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 339Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 340Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 341Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 342Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 343Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 344Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 345Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 346Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
342
Freescale Semiconductor
7.3.2.24
Input Control System Control Register (ICSYS)
Read: Anytime
Write: Once in normal modes
All bits reset to zero.
76543210
R
SH37
SH26
SH15
SH04
TFMOD
PACMX
BUFEN
LATQ
W
Reset
00000000
Figure 7-46. Input Control System Register (ICSYS)
Table 7-30. ICSYS Field Descriptions
Field
Description
7:4
SHxy
Share Input action of Input Capture Channels x and y
0 Normal operation
1 The channel input ‘x’ causes the same action on the channel ‘y’. The port pin ‘x’ and the corresponding edge
detector is used to be active on the channel ‘y’.
3
TFMOD
Timer Flag Setting Mode — Use of the TFMOD bit in conjunction with the use of the ICOVW register allows a
timer interrupt to be generated after capturing two values in the capture and holding registers instead of
generating an interrupt for every capture.
By setting TFMOD in queue mode, when NOVWx bit is set and the corresponding capture and holding registers
are emptied, an input capture event will first update the related input capture register with the main timer
contents. At the next event, the TCx data is transferred to the TCxH register, the TCx is updated and the CxF
interrupt flag is set. In all other input capture cases the interrupt flag is set by a valid external event on PTx.
0 The timer flags C3F–C0F in TFLG1 are set when a valid input capture transition on the corresponding port pin
occurs.
1 If in queue mode (BUFEN = 1 and LATQ = 0), the timer flags C3F–C0F in TFLG1 are set only when a latch
on the corresponding holding register occurs. If the queue mode is not engaged, the timer flags C3F–C0F are
set the same way as for TFMOD = 0.
2
PACMX
8-Bit Pulse Accumulators Maximum Count
0 Normal operation. When the 8-bit pulse accumulator has reached the value 0x00FF, with the next active edge,
it will be incremented to 0x0000.
1 When the 8-bit pulse accumulator has reached the value 0x00FF, it will not be incremented further. The value
0x00FF indicates a count of 255 or more.
1
BUFFEN
IC Buffer Enable
0 Input capture and pulse accumulator holding registers are disabled.
1 Input capture and pulse accumulator holding registers are enabled. The latching mode is defined by LATQ
control bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com