Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 335 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 335 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 331Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 332Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 333Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 334Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 335Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 336Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 337Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 338Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 339Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
335
Read: Anytime
Write: Anytime
All bits reset to zero.
The two 8-bit pulse accumulators PAC3 and PAC2 are cascaded to form the PACA 16-bit pulse
accumulator. When PACA in enabled (PAEN = 1 in PACTL), the PACN3 and PACN2 registers contents
are respectively the high and low byte of the PACA.
When PACN3 overflows from 0x00FF to 0x0000, the interrupt flag PAOVF in PAFLG is set.
Full count register access will take place in one clock cycle.
NOTE
A separate read/write for high byte and low byte will give a different result
than accessing them as a word.
When clocking pulse and write to the registers occurs simultaneously, write
takes priority and the register is not incremented.
7.3.2.18
Pulse Accumulators Count Registers (PACN1 and PACN0)
Read: Anytime
Write: Anytime
All bits reset to zero.
The two 8-bit pulse accumulators PAC1 and PAC0 are cascaded to form the PACB 16-bit pulse
accumulator. When PACB in enabled, (PBEN = 1 in PBCTL) the PACN1 and PACN0 registers contents
are respectively the high and low byte of the PACB.
76543210
R
PACNT7
PACNT6
PACNT5
PACNT4
PACNT3
PACNT2
PACNT1
PACNT0
W
Reset
00000000
Figure 7-38. Pulse Accumulators Count Register 2 (PACN2)
76543210
R
PACNT7(15) PACNT6(14) PACNT5(13) PACNT4(12) PACNT3(11) PACNT2(10)
PACNT1(9)
PACNT0(8)
W
Reset
00000000
Figure 7-39. Pulse Accumulators Count Register 1 (PACN1)
76543210
R
PACNT7
PACNT6
PACNT5
PACNT4
PACNT3
PACNT2
PACNT1
PACNT0
W
Reset
00000000
Figure 7-40. Pulse Accumulators Count Register 0 (PACN0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com