Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 134Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 135Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 136Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 137Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 138Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 139Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 140Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 141Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
138
Freescale Semiconductor
4.3.2.5
ATD Control Register 4 (ATDCTL4)
This register selects the conversion clock frequency, the length of the second phase of the sample time and
the resolution of the A/D conversion (i.e., 8-bits or 10-bits). Writes to this register will abort current
conversion sequence but will not start a new sequence.
Read: Anytime
Write: Anytime
76543210
R
SRES8
SMP1
SMP0
PRS4
PRS3
PRS2
PRS1
PRS0
W
Reset
00000101
Figure 4-7. ATD Control Register 4 (ATDCTL4)
Table 4-11. ATDCTL4 Field Descriptions
Field
Description
7
SRES8
A/D Resolution Select — This bit selects the resolution of A/D conversion results as either 8 or 10 bits. The
A/D converter has an accuracy of 10 bits. However, if low resolution is required, the conversion can be speeded
up by selecting 8-bit resolution.
0 10 bit resolution
1 8 bit resolution
6:5
SMP[1:0]
Sample Time Select —These two bits select the length of the second phase of the sample time in units of ATD
conversion clock cycles. Note that the ATD conversion clock period is itself a function of the prescaler value
(bits PRS4-0). The sample time consists of two phases. The first phase is two ATD conversion clock cycles
long and transfers the sample quickly (via the buffer amplifier) onto the A/D machine’s storage node. The
second phase attaches the external analog signal directly to the storage node for final charging and high
accuracy. Table 4-12 lists the lengths available for the second sample phase.
4:0
PRS[4:0]
ATD Clock Prescaler — These 5 bits are the binary value prescaler value PRS. The ATD conversion clock
frequency is calculated as follows:
Note: The maximum ATD conversion clock frequency is half the bus clock. The default (after reset) prescaler
value is 5 which results in a default ATD conversion clock frequency that is bus clock divided by 12.
Table 4-13 illustrates the divide-by operation and the appropriate range of the bus clock.
Table 4-12. Sample Time Select
SMP1
SMP0
Length of 2nd Phase of Sample Time
0
0
2 A/D conversion clock periods
0
1
4 A/D conversion clock periods
1
0
8 A/D conversion clock periods
1
1
16 A/D conversion clock periods
ATDclock
BusClock
[]
PRS
1
+
[]
--------------------------------
0.5
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com