Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 137Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 138Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 139Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 140Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 141Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 142Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 143Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 144Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
141
3:0
C[D:A}
Analog Input Channel Select Code — These bits select the analog input channel(s) whose signals are
sampled and converted to digital codes. Table 4-17 lists the coding used to select the various analog input
channels.
In the case of single channel conversions (MULT = 0), this selection code specified the channel to be examined.
In the case of multiple channel conversions (MULT = 1), this selection code represents the first channel to be
examined in the conversion sequence. Subsequent channels are determined by incrementing the channel
selection code or wrapping around to AN0 (after converting the channel defined by the Wrap Around Channel
Select Bits WRAP[3:0] in ATDCTL0). In case starting with a channel number higher than the one defined by
WRAP[3:0] the first wrap around will be AN15 to AN0.
Table 4-15. Available Result Data Formats.
SRES8
DJM
DSGN
Result Data Formats
Description and Bus Bit Mapping
1
1
1
0
0
0
0
0
1
0
0
1
0
1
X
0
1
X
8-bit / left justified / unsigned — bits 15:8
8-bit / left justified / signed — bits 15:8
8-bit / right justified / unsigned — bits 7:0
10-bit / left justified / unsigned — bits 15:6
10-bit / left justified / signed -— bits 15:6
10-bit / right justified / unsigned — bits 9:0
Table 4-16. Left Justified, Signed and Unsigned ATD Output Codes.
Input Signal
VRL = 0 Volts
VRH = 5.12 Volts
Signed
8-Bit Codes
Unsigned
8-Bit Codes
Signed
10-Bit Codes
Unsigned
10-Bit Codes
5.120 Volts
5.100
5.080
2.580
2.560
2.540
0.020
0.000
7F
7F
7E
01
00
FF
81
80
FF
FF
FE
81
80
7F
01
00
7FC0
7F00
7E00
0100
0000
FF00
8100
8000
FFC0
FF00
FE00
8100
8000
7F00
0100
0000
Table 4-14. ATDCTL5 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com