Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 141Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 142Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 143Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 144Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 145Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 146Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 147Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 148Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1350 page
background image
Chapter 4 Analog-to-Digital Converter (ATD10B16CV4) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
145
4.3.2.8
Reserved Register 0 (ATDTEST0)
Read: Anytime, returns unpredictable values
Write: Anytime in special modes, unimplemented in normal modes
NOTE
Writing to this register when in special modes can alter functionality.
4.3.2.9
ATD Test Register 1 (ATDTEST1)
This register contains the SC bit used to enable special channel conversions.
Read: Anytime, returns unpredictable values for bit 7 and bit 6
Write: Anytime
NOTE
Writing to this register when in special modes can alter functionality.
76543210
R
uuuuuuuu
W
Reset
10000000
= Unimplemented or Reserved
u = Unaffected
Figure 4-10. Reserved Register 0 (ATDTEST0)
76543210
R
uuuuuuu
SC
W
Reset
00000000
= Unimplemented or Reserved
u = Unaffected
Figure 4-11. Reserved Register 1 (ATDTEST1)
Table 4-19. ATDTEST1 Field Descriptions
Field
Description
0
SC
Special Channel Conversion Bit — If this bit is set, then special channel conversion can be selected using
CC, CB, and CA of ATDCTL5. Table 4-20 lists the coding.
0 Special channel conversions disabled
1 Special channel conversions enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com