| Electronic Components Datasheet Search |
|
SC312XDP512F0CFVR Datasheet(PDF) 183 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC312XDP512F0CFVR Datasheet(HTML) 183 Page - Freescale Semiconductor, Inc |
|
183 / 1350 page ![]() MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 183 Chapter 6 XGATE (S12XGATEV2) 6.1 Introduction The XGATE module is a peripheral co-processor that allows autonomous data transfers between the MCU’s peripherals and the internal memories. It has a built in RISC core that is able to pre-process the transferred data and perform complex communication protocols. The XGATE module is intended to increase the MCU’s data throughput by lowering the S12X_CPU’s interrupt load. Figure 6-1 gives an overview on the XGATE architecture. This document describes the functionality of the XGATE module, including: • XGATE registers (Section 6.3, “Memory Map and Register Definition”) • XGATE RISC core (Section 6.4.1, “XGATE RISC Core”) • Hardware semaphores (Section 6.4.4, “Semaphores”) • Interrupt handling (Section 6.5, “Interrupts”) • Debug features (Section 6.6, “Debug Mode”) • Security (Section 6.7, “Security”) • Instruction set (Section 6.8, “Instruction Set”) 6.1.1 Glossary of Terms XGATE Request A service request from a peripheral module which is directed to the XGATE by the S12X_INT module (see Figure 6-1). XGATE Channel The resources in the XGATE module (i.e. Channel ID number, Priority level, Service Request Vector, Interrupt Flag) which are associated with a particular XGATE Request. XGATE Channel ID A 7-bit identifier associated with an XGATE channel. In S12X designs valid Channel IDs range from $78 to $09. XGATE Channel Interrupt An S12X_CPU interrupt that is triggered by a code sequence running on the XGATE module. XGATE Software Channel |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |