Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 186 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 186 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 182Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 183Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 184Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 185Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 186Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 187Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 188Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 189Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 190Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
186
Freescale Semiconductor
6.3
Memory Map and Register Definition
This section provides a detailed description of address space and registers used by the XGATE module.
The memory map for the XGATE module is given below in Figure 6-2.The address listed for each register
is the sum of a base address and an address offset. The base address is defined at the SoC level and the
address offset is defined at the module level. Reserved registers read zero. Write accesses to the reserved
registers have no effect.
6.3.1
Register Descriptions
This section consists of register descriptions in address order. Each description includes a standard register
diagram with an associated figure number. Details of register bit and field function follow the register
diagrams, in bit order.
Register
Name
15
14
13
12
11
10
9876543210
XGMCTL
R
00000000
XGE XGFRZ XGDBG XGSS
XG
FACT
0
XG
SWEIF
XGIE
W
XGEM
XG
FRZM
XG
DBGM
XGSSM
XG
FACTM
XG
SWEIFM
XGIEM
XGMCHID R
0
XGCHID[6:0]
W
Reserved
R
W
Reserved
R
W
Reserved
R
W
XGVBR
R
XGVBR[15:1]
0
W
= Unimplemented or Reserved
Figure 6-2. XGATE Register Summary (Sheet 1 of 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com