Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC312XDP512F0CFVR Datasheet(PDF) 189 Page - Freescale Semiconductor, Inc

Part # SC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC312XDP512F0CFVR Datasheet(HTML) 189 Page - Freescale Semiconductor, Inc

Back Button SC312XDP512F0CFVR Datasheet HTML 185Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 186Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 187Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 188Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 189Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 190Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 191Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 192Page - Freescale Semiconductor, Inc SC312XDP512F0CFVR Datasheet HTML 193Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
189
6.3.1.1
XGATE Control Register (XGMCTL)
All module level switches and flags are located in the module control register Figure 6-3.
Read: Anytime
Write: Anytime
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
00000000
XGE
XGFRZ XGDBG XGSS XGFACT
0
XG
SWEIF
XGIE
W
XGEM
XG
FRZM
XG
DBGM
XG
SSM
XG
FACTM
XG
SWEIFM
XGIEM
Reset
0
0
0
0000000000000
= Unimplemented or Reserved
Figure 6-3. XGATE Control Register (XGMCTL)
Table 6-1. XGMCTL Field Descriptions (Sheet 1 of 3)
Field
Description
15
XGEM
XGE Mask — This bit controls the write access to the XGE bit. The XGE bit can only be set or cleared if a "1" is
written to the XGEM bit in the same register access.
Read:
This bit will always read "0".
Write:
0 Disable write access to the XGE in the same bus cycle
1 Enable write access to the XGE in the same bus cycle
14
XGFRZM
XGFRZ Mask — This bit controls the write access to the XGFRZ bit. The XGFRZ bit can only be set or cleared
if a "1" is written to the XGFRZM bit in the same register access.
Read:
This bit will always read "0".
Write:
0 Disable write access to the XGFRZ in the same bus cycle
1 Enable write access to the XGFRZ in the same bus cycle
13
XGDBGM
XGDBG Mask — This bit controls the write access to the XGDBG bit. The XGDBG bit can only be set or cleared
if a "1" is written to the XGDBGM bit in the same register access.
Read:
This bit will always read "0".
Write:
0 Disable write access to the XGDBG in the same bus cycle
1 Enable write access to the XGDBG in the same bus cycle
12
XGSSM
XGSS Mask — This bit controls the write access to the XGSS bit. The XGSS bit can only be set or cleared if a
"1" is written to the XGSSM bit in the same register access.
Read:
This bit will always read "0".
Write:
0 Disable write access to the XGSS in the same bus cycle
1 Enable write access to the XGSS in the same bus cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com