Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS27FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 2Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 3Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
86FS27-6
2007-08-07
TMP86FS27
Operation
This section describes the functions and basic operational blocks of TMP86FS27.
The TMP86FS27 has flash memory in place of the mask ROM which is included in the
TMP86CM27/P27. The configuration and function are the same as the TMP86C847/H47.
1. Operating Mode
The TMP86FS27 has MCU mode and serial PROM mode.
1.1
MCU Mode
The MCU mode is set by fixing the TEST pin to the low level.
In the MCU mode, the operation is the same as the TMP86CM27/P27 (TEST pin cannot be used
open because it has no built-in pull-down resistor).
1.1.1
Program memory
The TMP86FS27 has a 60-Kbyte built-in flash memory (addresses 1000H to FFFFH in the
MCU mode).
When using TMP86FS27 for evaluation of TMP86CM27/P27, the program is written by the
serial PROM mode.
Figure 1.1.1 Program Memory Area
Note: The area that is not in use should be set data to FFH.
TMP86CP27
TMP86FS27
(a) ROM Size
= 48 Kbytes
Program
0000H
4000H
FFFFH
MCU mode
Program
0000H
4000H
FFFFH
TMP86CM27
TMP86FS27
(b) ROM Size
= 32 Kbytes
Program
0000H
8000H
FFFFH
MCU mode
Program
0000H
8000H
FFFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com