Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS27FG Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
86FS27-22
2007-08-07
TMP86FS27
2.10 Intel Hex Format (Binary)
1. After receiving the SUM of a record, the device waits for the start mark data (3AH for “:”) of the
next record. Therefore, the device ignores the data, which does not match the start mark data
after receiving the SUM of a record.
2. Make sure that once the controller program has finished sending the SUM of the end record, it
does not send anything and waits for two bytes of data to be received (Upper and lower bytes of
SUM). This is because after receiving the SUM of the end record, the boot program calculates
the SUM and returns the calculated SUM in two bytes to the controller.
3. If a receive error or Intel Hex format error occurs, the UART function of TMP86FS27 stops
without returning error code to the controller. In the following cases, an Intel Hex format error
occurs:
•
When the record type is not 00H, 01H, or 02H
•
When a SUM error occurred
•
When the data length of an extended record (Type
= 02H) is not 02H
•
When the address of an extended record (Type
= 02H) is larger than 1000H and after that,
receives the data record
•
When the data length of the end record (Type
= 01H) is not 00H
2.11 Passwords
The area in which passwords can be specified is located at addresses 1000H to FF9FH. The
vector area (from FFA0H to FFFFH) can not be specified as passwords area. The device compares
the stored passwords with the passwords, which are received from the controller. If all data of
vector area are “00H” or “FFH”, the passwords comparison is not executed because the device is
considered as blank product. It is necessary to specify the password count storage addresses and
the password comparison start address even though it is a blank product.
Note 1: When all data of addresses from FFE0H to FFFFH area are “00H” or “FFH”, the device is
judged as blank product.
Note 2: The same three or more bytes consecutive data can not be used as password.
When the password includes the same consecutive data (three or more bytes), the password
error occurs. If the password error occured, the UART function of device stops without
returning error code.
Note 3: *: Don’t care.
Note 4: When the password doesn’t match the above condition, the password error occurs. If the
password error occured, the UART function of device stops without returning error code.
Note 5: In case of the blank product, the device receives Intel Hex Format immediately after receiving
PCSA without receiving password strings. In this time, because the device ignores the data
Table 2.11.1 Password Setting in the Blank Product and Non Blank Product
Password
Blank Product(Note 1)
Non Blank Product
PNSA
(Password count storage addresses)
1000H
≤ PNSA ≤ FF9FH
1000H
≤ PNSA ≤ FF9FH
PCSA
(Password comparison start address)
1000H
≤ PCSA ≤ FF9FH
1000H
≤ PCSA ≤ FFA0−N
N
(Password count)
*8
≤ N
Setting of password
No need
Need (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com