Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS27FG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 14Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
86FS27-11
2007-08-07
TMP86FS27
2.4
Interface Specifications for UART
The following shows the UART communication format used in serial PROM mode.
Before on-board programming can be executed, the communication format on the external
controller side must also be setup in the same way as for this product.
Note that although the default baud rate is 9,600 bps, it can be changed to other values as shown
in Table 2.4.1. The Table 2.4.2 shows an operating frequency and baud rate in serial PROM mode.
Except frequency which is not described in Table 2.4.2 can not use in serial PROM mode.
Baud rate (Default): 9,600 bps
Data length: 8 bits
Parity addition: None
Stop bit length: 1 bit
Table 2.4.1 Baud Rate Modification Data
Table 2.4.2 Operating Frequency and Baud Rate in Serial PROM Mode
Note:
“Reference Frequency” shows the high-frequency area supported in serial PROM mode.
Except the above frequency can not be supported in serial PROM mode.
2.5
Command
There are five commands in serial PROM mode. After reset release, the TMP86FS27 waits a
matching data (5AH).
Table 2.5.1 Command in Serial PROM Mode
Baud rate modification data
04H
05H
07H
0AH
18H
28H
Baud rate (bps)
76800
62500
38400
31250
19200
9600
Reference Baud
Rate (Baud)
76800
62500
38400
31250
19200
9600
Baud Rate
Modification Data
04H
05H
07H
0AH
18H
28H
Reference
Frequency
(MHz)
(bps)
(%)
(bps)
(%)
(bps)
(%)
(bps)
(%)
(bps)
(%)
(bps)
(%)
2
–
–––
––
––––
9615
+0.16
4
–
–
–
–
–
–
31250
0.00
19231
+0.16
9615
+0.16
8
–
–
62500
0.00
38462
+0.16
31250
0.00
19231
+0.16
9615
+0.16
16
76923
+0.16
62500
0.00
38462
+0.16
31250
0.00
19231
+0.16
9615
+0.16
Command Data
Operation Mode
Remarks
5AH
Setup
Matching data. Always start with this command after reset release.
30H
Flash memory writing
Writing to area from 1000H to FFFFH is enable.
60H
RAM loader
Writing to area from 0050H to 0430H is enable.
90H
Flash memory SUM output
The checksum of entire flash memory area (from 1000H to FFFFH)
is output in order of the upper byte and the lower byte.
C0H
Product discrimination code output
Product discrimination code, that is expressed by 13 bytes data, is
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com