| Electronic Components Datasheet Search |
|
TMP86FS27FG Datasheet(PDF) 20 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS27FG Datasheet(HTML) 20 Page - Toshiba Semiconductor |
|
20 / 32 page ![]() 86FS27-20 2007-08-07 TMP86FS27 2.7 Flash Memory Writing Data Format Flash memory area of TMP86FS27 consists of 1919 pages and one page size is 32 bytes. Writing to flash memory is executed by page writing. Therefore, it is necessary to send 32 bytes data (for one page) even though only a few bytes data are written. Figure 2.7.1 shows an organization of flash memory area. When the controller sends the writing data to the device, be sure to keep the format described below. 1. The address of data after receiving the flash memory writing command should be the first address of page. For example, in case of page 2, the first address should be 1040H. 2. If the last data’s address of data record is not end address of page, the address of the next data record should be the address + 1 and the last data’s address must point to the last address of this page. For example, if the last data’s address is 100FH (Page0), the address of the next data record should be 1010H (Page0) and the address of the last data should be 101FH (Page0). 3. The last data’s address of data record immediately before sending the end record should be the last address of page. For example, in case of page 1, the last data’s address of data record should be 103FH. Note: Do not write only the vector area (FFF0H to FFFFH) when all data of flash memory are the same data. If the vector area is only written, the next operation can not be executed because of password error. Note: “F” shows the first address of each page and “E” shows the last address of each page. Figure 2.7.1 Organization of Flash Memory Area E E E E E E E E E E E F F F F F F F F F F F 0 1 2 3 4 5 6 7 8 9 A B C D E F 1000H 1010H 1020H 1030H 1040H 1050H 1060H 1070H 1080H 1090H 10A0H 10B0H 10C0H FF70H FF80H FF90H FFA0H FFB0H FFC0H FFD0H FFE0H FFF0H Address Page 0 Page 1 Page 2 Page 3 Page 4 Page 5 Page 1916 Page 1917 Page 1918 Page 1919 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |