Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS27FG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
86FS27-9
2007-08-07
TMP86FS27
2.3
Serial PROM Mode Setting
2.3.1
Serial PROM Mode Control Pins
To execute on-board programming, start the TMP86FS27 in serial PROM mode. Setting of a
serial PROM mode is shown in Table 2.3.1.
Table 2.3.1 Serial PROM Mode Setting
Note: BOOT1 is RXD pin and BOOT2 is TXD pin during a serial PROM mode.
2.3.2
Pin Function
In the serial PROM mode, TXD (P01) and RXD (P00) pins are used as a serial interface pin.
Therefore, if the programming is executed on-board after mounting, these pins should be released
from the other devices for communication in serial PROM mode.
Note: When the device is used as on-board writing and other parts are already mounted in place, be
careful not to affect these communication control pins.
Pin Name
(Serial PROM mode)
Input/
Output
Functions
Pin Name
(MCU mode)
BOOT1/RXD
Input/Input
Fix “High” during reset. This pin is used as
RXD pin after releasing reset.
P00
BOOT2/TXD
Input/Output
Fix “High” during reset. This pin is used as
TXD pin after releasing reset.
P01
TEST
Input
Fix to “High”.
RESET
I/O
Reset signal input or an internal error reset output.
VDD, AVDD
Power supply
5 V
VSS
0 V
VAREF
Leave open or apply reference voltage.
P07 to P02, P17 to P10, P22 to P20,
P37 to P30, P43 to P40, P57 to P50,
P67 to P60, P77 to P70
I/O
Open
SEG7 to SEG0
Output
0 V output (Open)
COM3 to COM0
Output
0 V output (Open)
C0, C1, V1, V2, V3
LCD power
supply
Not use
XIN
Input
Self oscillation with resonator (2 MHz, 4 MHz, 8 MHz, 16 MHz)
XOUT
Output
Pin
Setting
TEST pin
High
BOOT1 (RXD)
(Note)
High
BOOT2 (TXD)
(Note)
High
RESET
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com