Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS27FG Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 12Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 13Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
86FS27-10
2007-08-07
TMP86FS27
To set a serial PROM mode, connect device pins as shown in Figure 2.3.1.
Figure 2.3.1 Serial PROM Mode Port Setting
2.3.3
Activating Serial PROM Mode
The following is a procedure of setting of serial PROM mode. Figure 2.3.2 shows a serial PROM
mode timing.
(1) Turn on the power to the VDD pin.
(2) Set the RESET to low level.
(3) Set the TEST, BOOT1 and BOOT2 pin to high level.
(4) Wait until the power supply and clock sufficiently stabilize.
(5) Release the RESET (Set to high level).
(6) Input a matching data (5AH) to BOOT1/RXD pin after waiting for setup sequence. For details
of the setup timing, refer to 2.14 “UART Timing”.
Figure 2.3.2 Serial PROM Mode Timing
TMP86FS27
VDD(4.5 V to 5.5 V)
VDD
AVDD
TEST
P00
P01
RESET
: Pull up
XIN
XOUT
BOOT1/RXD
BOOT2/TXD
OPEN or analog reference voltage.
VAREF
VSS
VDD
TEST (Input)
RESET
(Input)
Program
BOOT1 (Input)/
RXD (Input)
BOOT2 (Input)/
TXD (Output)
Serial PROM mode
Reset mode
Indeterminate
Matching
data input
Setup time for serial PROM mode (Rxsup)
Fixed to high level by pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com