Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS27FG Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 23Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 24Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 25Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 26Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 27Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 28Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 29Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 30Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
86FS27-27
2007-08-07
TMP86FS27
Electrical Characteristics
Note: The absolute maximum ratings are rated values which must not be exceeded during operation,
even for an instant. Any one of the ratings must not be exceeded. If any absolute maximum
rating is exceeded, a device may break down or its performance may be degraded, causing it
to catch fire or explode resulting in injury to the user. Thus, when designing products which
include this device, ensure that no absolute maximum rating value will ever be exceeded.
1)
MCU mode (VSS = 0 V, Topr = −40 to 70ºC)
Absolute Maximum Ratings
(VSS = 0 V)
Parameter
Symbol
Pins
Rating
Unit
Supply voltage
VDD
−0.3 to 6.5
V
Input voltage
VIN
−0.3 to V
DD + 0.3
Output voltage
VOUT1
−0.3 to V
DD + 0.3
Output current (Per 1 pin)
IOUT1
P0, P1, P3, P4, P6 ports
−1.8
mA
IOUT2
P0, P1, P2, P4, P5, P6, P7 ports
3.2
IOUT3
P3 port
30
Output current (Total)
ΣI
OUT1
P0, P1, P3, P4, P6 ports
−30
ΣI
OUT2
P0, P1, P2, P4, P5, P6, P7 ports
60
ΣI
OUT3
P3 port
80
Power dissipation [Topr
= 70°C]
PD
250
mW
Soldering temperature (time)
Tsld
260 (10 s)
°C
Storage temperature
Tstg
−55 to 125
Operating temperature
Topr
−40 to 70
Recommended Operating Condition
Parameter
Symbol
Pins
Condition
Min
Max
Unit
Supply voltage
VDD
fc
= 16 MHz
NORMAL1, 2 mode
4.5
5.5
V
IDLE0, 1, 2 mode
fc
= 8 MHz
NORMAL1, 2 mode
2.7
IDLE0, 1, 2 mode
fs
= 32.768
kHz
SLOW1, 2 mode
SLEEP0, 1, 2 mode
STOP mode
2.0
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V
VDD × 0.90
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V
VDD × 0.10
Clock frequency
fc
XIN, XOUT
VDD = 4.5 to 5.5 V
1.0
16.0
MHz
VDD = 2.7 to 5.5 V
8.0
fs
XTIN, XTOUT
30.0
34.0
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com