| Electronic Components Datasheet Search |
|
TMP86FS27FG Datasheet(PDF) 21 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS27FG Datasheet(HTML) 21 Page - Toshiba Semiconductor |
|
21 / 32 page ![]() 86FS27-21 2007-08-07 TMP86FS27 2.8 Error Code When the device detects an error, the error codes are sent to the controller. Table 2.8.1 Error Code 2.9 Checksum (SUM) (1) Calculation method SUM consists of byte + byte.... + byte, the checksum of which is returned in word as the result. Namely, data is read out in byte and checksum of which is calculated, with the result returned in word. Example: The SUM returned when executing the flash memory write command, RAM loader command, or flash memory SUM command is calculated in the manner shown above. (2) Calculation data The data from which SUM is calculated are listed in Table 2.9.1 below. Table 2.9.1 Checksum Calculation Data Transmit Data Meaning of Transmit Data 62H, 62H, 62H Baud rate modification error occurred. 63H, 63H, 63H Operating command error occurred. A1H, A1H, A1H Framing error in received data occurred. A3H, A3H, A3H Overrun error in received data occurred. A1H If the data to be calculated consists of the four bytes shown to the left, SUM of the data is B2H A1H + B2H + C3H + D4H = 02EAH SUM (HIGH) = 02H SUM (LOW) = EAH C3H D4H Operating Mode Calculation Data Remarks Flash memory writing mode Data in the entire area (60 Kbytes) of flash memory Even when written to part of the flash memory area, data in the entire memory area (60 Kbytes) is calculated. The length of data, address, record type and checksum in Intel Hex format are not included in SUM. Flash memory Checksum output mode RAM loader mode Data written to RAM The length of data, address, record type and checksum in Intel Hex format are not included in SUM. Product discrimination code out- put mode Checksum of transferred data (from 9th to 18th byte) For details, refer to “2.6.4 Product Discrimination Code Output Mode”. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |