Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS27FG Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 4Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 5Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 6Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 7Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 8Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 9Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 10Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 11Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
86FS27-8
2007-08-07
TMP86FS27
2. Serial PROM Mode
2.1
Outline
The TMP86FS27 has a 2-Kbyte BOOT ROM for programming to flash memory. This BOOT ROM
is a mask ROM that contains a program to write the flash memory on-board. The BOOT ROM is
available in a serial PROM mode and it is controlled by TEST pin and RESET pin and P00 and P01
pin, and is communicated with UART. There are four operation modes in a serial PROM mode:
flash memory writing mode, RAM loader mode, flash memory SUM output mode and product
discrimination code output mode. Operating area of serial PROM mode differs from that of MCU
mode. The operating area of serial PROM mode shows in Table 2.1.1.
Table 2.1.1 Operating Area of Serial PROM Mode
2.2
Memory Mapping
The BOOT ROM is mapped in address F800H to FFFFH. The BOOT ROM can’t be accessed in
MCU mode. The Figure 2.2.1 shows a memory mapping.
Figure 2.2.1 Memory Address Maps
Parameter
Symbol
Min
Max
Unit
Operating voltage
VDD
4.5
5.5
V
High frequency
fc
2, 4, 8, 16
MHz
Temperature
Topr
25
± 5
°C
64 bytes
61440 bytes
SFR
RAM
1024 bytes
128 bytes
0000H
003FH
0040H
0423H
0F80H
0FFFH
1000H
FFFFH
Flash memory
DBR
MCU
64 bytes
2048 bytes
SFR
RAM
1024 bytes
0000H
003FH
0040H
0423H
F800H
FFFFH
BOOT ROM
Serial PROM mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com