Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP86FS27FG Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMP86FS27FG
Description  CMOS 8-BIT MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS27FG Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMP86FS27FG Datasheet HTML 15Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 16Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 17Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 18Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 19Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 20Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 21Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 22Page - Toshiba Semiconductor TMP86FS27FG Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
86FS27-19
2007-08-07
TMP86FS27
2.6.4
Product Discrimination Code Output Mode (Operation command: C0H)
Table 2.6.4 shows product discrimination code output mode process.
Table 2.6.4 Product Discrimination Code Output Process
Note: “xxH
× 3” denotes that operation stops after sending 3 bytes of xxH. For details, refer to 2.8
“Error Code”.
Description of product discrimination code output mode
1. The process of the 1st byte through the 4th byte are the same as flash memory writing mode.
2. The receive data in the 5th byte is the product discrimination code output command data
(C0H).
3. When the 5th byte is one of the operation command data shown in Table 2.5.1, the device
sends the echo back data which is the same as received operation command data (in this case,
C0H). If the 5th byte data does not correspond to the operation command data, the device
stops UART function after sending 3 bytes of operation command error code: (63H).
4. The 9th and the 19th bytes are the product discrimination code. For details, refer to 2.12
“Product Discrimination Code”.
5. After sending the SUM, the device waits for the next operation command data.
Number of
Bytes
Transferred
Transfer Data from
External Controller to
TMP86FS27
Baud Rate
Transfer Data from
TMP86FS27 to External
Controller
BOOT
ROM
1st byte
2nd byte
Matching data (5AH)
−
9600 bps
9600 bps
− (Baud rate auto set)
OK: Echo back data (5AH)
Error: Nothing transmitted
3rd byte
4th byte
Baud rate modification data
(See Table 2.4.1)
−
9600 bps
9600 bps
−
OK: Echo back data
Error: A1H
× 3, A3H × 3, 62H × 3
(Note 1)
5th byte
6th byte
Operation
command
data
(C0H)
−
Changed new baud rate
Changed new baud rate
−
OK: Echo back data (C0H)
Error: A1H
× 3, A3H × 3, 63H × 3
(Note 1)
7th byte
Changed new baud rate
3AH
Start mark
8th byte
Changed new baud rate
0AH
The number of transfer
data (from 9th to 18th byte)
9th byte
Changed new baud rate
02H
Length of address (2 bytes)
10th byte
Changed new baud rate
03H
Reserved data
11th byte
Changed new baud rate
00H
Reserved data
12th byte
Changed new baud rate
00H
Reserved data
13th byte
Changed new baud rate
00H
Reserved data
14th byte
Changed new baud rate
01H
The number of ROM block
(1 block)
15th byte
Changed new baud rate
10H
First address of ROM
(Upper 8 bits)
16th byte
Changed new baud rate
00H
First address of ROM
(Lower 8 bits)
17th byte
Changed new baud rate
FFH
End address of ROM
(Upper 8 bits)
18th byte
Changed new baud rate
FFH
End address of ROM
(Lower 8 bits)
19th byte
Changed new baud rate
ECH
Checksum of transferred
data (from 9th to 18th byte)
20th byte
(Wait for the next operation)
(Command data)
Changed new baud rate
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com