Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 2Page - Qorvo, Inc ACT8846 Datasheet HTML 3Page - Qorvo, Inc ACT8846 Datasheet HTML 4Page - Qorvo, Inc ACT8846 Datasheet HTML 5Page - Qorvo, Inc ACT8846 Datasheet HTML 6Page - Qorvo, Inc ACT8846 Datasheet HTML 7Page - Qorvo, Inc ACT8846 Datasheet HTML 8Page - Qorvo, Inc ACT8846 Datasheet HTML 9Page - Qorvo, Inc ACT8846 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
6 of 63
www.qorvo.com
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
26
SW4
Switch Node for REG4.
27
GP14
Power Ground for REG1 and REG4. Connect GP14, GP2, GP3, and GA together at a single point as
close to the IC as possible.
28
SW1
Switch Node for REG1.
29
FB1
Output Feedback Sense for REG1. For the adjustable output voltage options, connect this pin to the
center of the output feedback resistor divider for voltage setting, connect this pin to the output directly to
regulate the output voltage at 1.2V.
30
VP1
Power Input for REG1. Bypass to GP14 with a high quality ceramic capacitor placed as close to the IC
as possible.
31
nPBIN
Master Enable Input. Drive nPBIN to GA through a 50kΩ resistor for 32ms to enable the IC. Drive
nPBIN to GA through a 50kΩ resistor for 10 seconds to disable the IC. Drive nPBIN directly to GA to
assert a Manual-Reset condition.
32
PWRHLD
Power Hold Input, enable input for REG1, REG2, REG4, REG5, REG6, REG8 and REG10. PWRHLD
is internally pulled down to GA through a 900kΩ resistor.
33
nRSTO
Open-Drain Reset Output.
34
nIRQ
Open-Drain Interrupt Output.
35
GPIO6
General Purpose I/O #6. Configured as PWM LED driver output for up to 6mA current with programma-
ble frequency and duty cycle. See the PWM LED Drive section for more information.
36
GPIO5
General Purpose I/O #5. Configured as PWM LED driver output for up to 6mA current with programma-
ble frequency and duty cycle. See the PWM LED Driver section for more information.
37
OUT13
REG13 output. Bypass it to ground with a 0.47µF capacitor.
38
OUT7
REG7 output. Bypass it to ground with a 2.2µF capacitor.
39
GPIO4
General Purpose I/O #4. Configured as PWM LED driver output for up to 6mA current with
programmable frequency and duty cycle. See the PWM LED Driver section for more information.
40
OUT6
REG6 output. Bypass it to ground with a 2.2µF capacitor.
41
INL1
Power Input for REG5, REG6, REG7.
42
OUT5
REG5 output. Bypass it to ground with a 2.2µF capacitor.
43
GPIO3
General Purpose I/O #3. Configured as PWM LED driver output for up to 6mA current with programma-
ble frequency and duty cycle. See the PWM LED Drier section for more information.
44
GPIO2
General Purpose I/O #2. Configured as VSELR4 for Voltage Selection of REG4. Drive to logic low to
select default output voltage. Drive to logic high to select secondary output voltage.
45
GPIO1
General Purpose I/O #1. Configured as VSELR3 for Voltage Selection of REG3. Drive to logic low to
select default output voltage. Drive to logic high to select secondary output voltage.
46
OUT3
Output Voltage Sense for REG3.
47,48
VP3
Power input for REG3. Bypass to GP3 with a high quality ceramic capacitor placed as close to the IC as
possible.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.
: Only for ACT8846QM468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com