Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 36 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 36 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 32Page - Qorvo, Inc ACT8846 Datasheet HTML 33Page - Qorvo, Inc ACT8846 Datasheet HTML 34Page - Qorvo, Inc ACT8846 Datasheet HTML 35Page - Qorvo, Inc ACT8846 Datasheet HTML 36Page - Qorvo, Inc ACT8846 Datasheet HTML 37Page - Qorvo, Inc ACT8846 Datasheet HTML 38Page - Qorvo, Inc ACT8846 Datasheet HTML 39Page - Qorvo, Inc ACT8846 Datasheet HTML 40Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
36 of 63
www.qorvo.com
STEP-DOWN DC/DC REGULATORS
General Description
REG1, REG2, REG3, and REG4 are fixed-frequency,
current-mode, synchronous PWM step-down convert-
ers that achieves peak efficiencies of up to 97%. These
regulators operate with a fixed frequency of 2.25MHz,
minimizing noise in sensitive applications and allowing
the use of small external components. Additionally,
REG1, REG2, REG3, and REG4 are available with a
variety of standard and custom output voltages, and
may be software-controlled via the I2C interface for
systems that require advanced power management
functions.
100% Duty Cycle Operation
REG1, REG2, REG3, and REG4 are capable of
operating at up to 100% duty cycle. During 100% duty
cycle operation, the high-side power MOSFETs are held
on continuously, providing a direct connection from the
input to the output (through the inductor), ensuring the
lowest possible dropout voltage in battery powered
applications.
Operating Mode
By default, REG1, REG2, REG3, and REG4 operate in
fixed-frequency PWM mode at medium to heavy loads,
then transition to a proprietary power-saving mode at
light loads in order to save power.
Synchronous Rectification
REG1, REG2, REG3, and REG4 each feature
integrated synchronous rectifiers, maximizing efficiency
and minimizing the total solution size and cost by
eliminating the need for external rectifiers.
Soft-Start
REG1, REG2, REG3, and REG4 include internal 400 us
soft-start ramps which limit the rate of change of the
output voltage, minimizing input inrush current and
ensuring that the output powers up in a monotonic
manner that is independent of loading on the outputs.
This circuitry is effective any time the regulator is ena-
bled, as well as after responding to a short-circuit or
other fault condition.
Compensation
REG1, REG2, REG3, and REG4 utilize current-mode
control and a proprietary internal compensation scheme
to simultaneously simplify external component selection
and optimize transient performance over their full oper-
ating range. No compensation design is required;
simply follow a few simple guide lines described below
when choosing external components.
Input Capacitor Selection
The input capacitor reduces peak currents and noise
induced upon the voltage source. A 10μF ceramic
capacitor is recommended for each regulator in most
applications.
Output Capacitor Selection
REG1, REG2, REG3, and REG4 were designed to take
advantage of the benefits of ceramic capacitors, namely
small size and very-low ESR. REG1, REG2, REG3 and
REG4 are designed to operate with 33uF or 44uF output
capacitor over most of their output voltage ranges,
although more capacitance may be desired depending
on the duty cycle and load step requirements.
Two of the most common dielectrics are Y5V and X5R.
Whereas Y5V dielectrics are inexpensive and can
provide high capacitance in small packages, their ca-
pacitance varies greatly over their voltage and temper-
ature ranges and are not recommended for DC/DC
applications. X5R and X7R dielectrics are more suitable
for output capacitor applications, as their characteristics
are more stable over their operating ranges, and are
highly recommended.
Inductor Selection
REG1, REG2, REG3, and REG4 utilize current-mode
control and a proprietary internal compensation scheme
to simultaneously simplify external component selection
and optimize transient performance over their full
operating range. These devices were optimized for
operation with 2.2μH or 1μH inductors. Choose an
inductor with a low DC-resistance, and avoid inductor
saturation by choosing inductors with DC ratings that
exceed the maximum output current by at least 30%.
Configuration Options
Output Voltage Programming
Figure 4:
OUT1 Output Voltage Programming
RFB1
RFB2
FB1
CFF
ACT8846
OUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com