Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 31 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 31 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 27Page - Qorvo, Inc ACT8846 Datasheet HTML 28Page - Qorvo, Inc ACT8846 Datasheet HTML 29Page - Qorvo, Inc ACT8846 Datasheet HTML 30Page - Qorvo, Inc ACT8846 Datasheet HTML 31Page - Qorvo, Inc ACT8846 Datasheet HTML 32Page - Qorvo, Inc ACT8846 Datasheet HTML 33Page - Qorvo, Inc ACT8846 Datasheet HTML 34Page - Qorvo, Inc ACT8846 Datasheet HTML 35Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
31 of 63
www.qorvo.com
Table 3:
ACT8846 and RK31x8 Signal Interface
Note: Typical connections shown, actual connections may vary.
Control Signals
Enable inputs
The ACT8846 features a variety of control inputs, which
are used to enable and disable outputs depending upon
the desired mode of operation. PWRHLD is a logic
inputs, while nPBIN is a unique, multi-function input.
nPBIN Multi-Function Input
The ACT8846 features the nPBIN multi-function pin,
which combines system enable/disable control with a
hardware reset function. Select either of the two pin
functions by asserting this pin, either through a direct
connection to GA as Manual Reset input, or through a
50kΩ resistor to GA for 32ms to enable the IC, or
through a 50kΩ resistor to GA for 10s to disable the IC,
as shown in Figure 2.
Manual Reset Function
The second major function of the nPBIN input is to
provide a manual-reset input for the processor. To man-
ually-reset the processor, drive nPBIN directly to GA
through a low impedance (less than 2.5kΩ). An internal
timer detects the duration of the MR event:
Short Press / Soft-Reset:
If the Manual Reset button is asserted for less than
4s/10s, ACT8846 commences a soft-reset operation
where nRSTO immediately asserts low, then remains
asserted low until the nPBIN input is de-asserted and
the reset time-out period expires. A status bit,
SRSTAT[ ], is set after a soft-reset event. The SRSTAT[ ]
bit is automatically cleared to 0 after read. After Short
Press, set WDSREN[ ] to 1 about 1s after nRSTO
de-assert then clear WDSREN[ ] for properly shutdown
sequence.
Long Press / Power-cycle:
If the Manual Reset button is asserted for more than
4s/10s, ACT8846 commences a power cycle routine
in which case all regulators are turned off and then
turned back on. A status bit, PCSTAT[ ], is set after the
power cycle. The PCSTAT[ ] bit is automatically cleared
to 0 after read.
nPBSTAT Output
nPBSTAT is an open-drain output that reflects the state
of the nPBIN input; nPBSTAT is asserted low whenever
nPBIN is asserted, and is high-Z otherwise. This output
is typically used as an interrupt signal to the processor,
to initiate a software-programmable routine such as op-
erating mode selection or to open a menu. Connect
nPBSTAT to an appropriate supply voltage through a
10kΩ or greater resistor.
Figure 2:
nPBIN Input
nPBIN
ACT8846
Manual
Reset
nPBSTAT
Manual
Reset
Detect
Push-
Button
Detect
To CPU
INL2
VIO
50kΩ
ACT8846
DIRECTION
ROCKCHIP RK31x8
PWREN
GPIO6_B1
SCL
I2C1_SCL
SDA
I2C1_SDA
VSELR2
GPIO0_D7
GPIO1/VSELR3
GPIO0_D6
nRSTO
NPOR
nIRQ
GPIO6_A4
nPBSTAT
GPIO6_A2
PWRHLD
GPIO6_B0
: Only for ACT8846QM468 and ACT8846QM490-T.
: Soft-Reset function is disabled in ACT8846QM460, ACT8846QM468 and ACT8846QM490.
: Only for ACT8846QM460.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com