Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 33 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 33 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 29Page - Qorvo, Inc ACT8846 Datasheet HTML 30Page - Qorvo, Inc ACT8846 Datasheet HTML 31Page - Qorvo, Inc ACT8846 Datasheet HTML 32Page - Qorvo, Inc ACT8846 Datasheet HTML 33Page - Qorvo, Inc ACT8846 Datasheet HTML 34Page - Qorvo, Inc ACT8846 Datasheet HTML 35Page - Qorvo, Inc ACT8846 Datasheet HTML 36Page - Qorvo, Inc ACT8846 Datasheet HTML 37Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
33 of 63
www.qorvo.com
Watch-Dog Supervision
The ACT8846 features a watchdog supervisory function.
An internal watchdog timer of 4s is unmasked by setting
either WDSREN[ ] or WDPCEN [ ] bit to one. Once en-
abled, the watchdog timer is reset whenever there is I2C
activity for the PMU. In the case where the system soft-
ware stops responding and that there is no I2C transac-
tions for 4s, the watchdog timer expires. As a result, the
PMU either perform a soft-reset or power cycle,
depending on whether WDSREN [ ] or WDPCEN [ ]
is set.
Software-Initiated Power Cycle
ACT8846 supports software-initiated power cycle. Once
the SIPC[ ] bit is set, the PMU waits for 8ms and then
initiate a power cycle to restart the entire system.
Figure 3:
ACT8846QM460 and ACT8846QM468 Power Control Sequence
100ms
Sleep/Wakeup
Sequence
Power on Sequence
nPBIN
nRSTO
PWREN
OUT4
OUT11
2ms
PWRHLD
UVLO
Main Battery
OUT13
Power off
Sequence
OUT5
2ms
2ms
93% of VOUT4
OUT3
OUT1, OUT2
93% of VOUT5
2ms
93% of VOUT3
2ms
93% of VOUT11
: Watch-Dog is not supported in ACT8846QM468 and ACT8846QM490-T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com