Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 32 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 32 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 28Page - Qorvo, Inc ACT8846 Datasheet HTML 29Page - Qorvo, Inc ACT8846 Datasheet HTML 30Page - Qorvo, Inc ACT8846 Datasheet HTML 31Page - Qorvo, Inc ACT8846 Datasheet HTML 32Page - Qorvo, Inc ACT8846 Datasheet HTML 33Page - Qorvo, Inc ACT8846 Datasheet HTML 34Page - Qorvo, Inc ACT8846 Datasheet HTML 35Page - Qorvo, Inc ACT8846 Datasheet HTML 36Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
32 of 63
www.qorvo.com
nRSTO Output
nRSTO is an open-drain output which asserts low upon
startup or when manual reset is asserted via the nPBIN
input. When asserted on startup, nRSTO remains low
until reset time-out period expires. When asserted due
to manual-reset, nRSTO immediately asserts low,
then remains asserted low until the nPBIN input is
de-asserted and the reset time-out period expires.
Connect a 10kΩ or greater pull-up resistor from nRSTO
to an appropriate voltage supply.
nIRQ Output
nIRQ is an open-drain output that asserts low any time
an interrupt is generated. Connect a 10kΩ or greater
pull-up resistor from nIRQ to an appropriate voltage
supply. nIRQ is typically used to drive the interrupt input
of the system processor.
Many of the ACT8846's functions support interrupt-gen-
eration as a result of various conditions. These are
typically masked by default, but may be unmasked via
the I2C interface. For more information about the avail-
able fault conditions, refer to the appropriate sections of
this datasheet.
Push-Button Control
The ACT8846 is designed to initiate a system enable
sequence when the nPBIN multi-function input is
asserted for 32ms. Once this occurs, a power-on
sequence commences, as described below. The power-
on sequence must complete and the microprocessor
must take control (by asserting PWRHLD) before nPBIN
is de-asserted. If the microprocessor is unable to
complete its power-up routine successfully before the
user
releases
the
push-button,
the
ACT8846
automatically shuts the system down. This provides
protection against accidental or momentary assertions
of the push-button. If desired, longer “push-and-hold”
times can be implemented by simply adding an
additional time delay before asserting PWRHLD.
Control Sequences
The ACT8846 features a variety of control sequences
that are optimized for supporting system enable and
disable, as well as SLEEP mode of the Rockchip
RK31x8 processors.
Enabling/Disabling Sequence
A typical enable sequence is initiated whenever the
nPBIN is asserted low for 32ms via 50KΩ resistance.
The power control diagram is shown in Figure 3. During
the boot sequence, the microprocessor must assert
PWRHLD (GPIO6_B0) to ensure that the system re-
mains powered after nPBIN is released. Once the
power-up routine is completed, the system remains en-
abled after the push-button is released as long as
PWRHLD is asserted high. If the processor does not as-
sert PWRHLD before the user releases the push-button,
the boot-up sequence is terminated and all regulators
are disabled. This provides protection against "false-en-
able", when the push-button is accidentally depressed,
and also ensures that the system remains enabled only
if the processor successfully completes the boot-up se-
quence.
As with the enable sequence, a typical disable se-
quence is initiated when the user presses the push-but-
ton, which interrupts the processor via the nPBSTAT
output. After system is turned on, the processor may
shut down the system by setting OFFSYSCLR[ ] to 1
then setting OFFSYS[ ] to 1, or by pulling PWRHLD to
logic low. The user could force shut down ACT8846 an-
ytime by pressing the power on push-button for 10 sec-
onds even when software crashes.
SLEEP Mode Sequence
The ACT8846 supports RK31x8 processor’s SLEEP
mode operation. Once a successful power-up routine
has been completed, SLEEP mode may be initiated
through a variety of software-controlled mechanisms.
SLEEP mode is typically initiated when the user presses
the push-button during normal operation. Pressing the
push-button asserts the nPBIN input, which asserts the
nPBSTAT output, which interrupts the processor. In
response to this interrupt the processor should disable
REG6, REG7, REG8, REG9, REG10 and REG12 via
I2C, then de-assert PWREN(GPIO6_B1), disabling
REG3. PWRHLD should remain asserted during
SLEEP mode so that REG1, REG2, REG4, REG5, and
REG11 remain enabled.
The ACT8846 wakes up from SLEEP mode when either
the push-button and/or PWREN (GPIO6_B1) is
asserted. In either case, REG3 is enable which allow
the system to resume normal operation.
: Only for ACT8846QM468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com