Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 38 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 38 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 34Page - Qorvo, Inc ACT8846 Datasheet HTML 35Page - Qorvo, Inc ACT8846 Datasheet HTML 36Page - Qorvo, Inc ACT8846 Datasheet HTML 37Page - Qorvo, Inc ACT8846 Datasheet HTML 38Page - Qorvo, Inc ACT8846 Datasheet HTML 39Page - Qorvo, Inc ACT8846 Datasheet HTML 40Page - Qorvo, Inc ACT8846 Datasheet HTML 41Page - Qorvo, Inc ACT8846 Datasheet HTML 42Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
38 of 63
www.qorvo.com
LOW-NOISE, LOW-DROPOUT LINEAR REGULATORS
General Description
ACT8846 features eight low-noise, low-dropout linear
regulators (LDOs) that supply up to 350mA. Three of
these LDOs (REG10, REG11, and REG12) supports
extended input voltage range down to 1.7V. Each LDO
has been optimized to achieve low noise and high-
PSRR.
Output Current Limit
Each LDO contains current-limit circuitry featuring a
current-limit fold-back function. During normal and
moderate overload conditions, the regulators can
support more than their rated output currents. During
extreme overload conditions, however, the current limit
is reduced by approximately 30%, reducing power
dissipation within the IC.
Compensation
The LDOs are internally compensated and require very
little design effort, simply select input and output
capacitors according to the guidelines below.
Input Capacitor Selection
Each LDO requires a small ceramic input capacitor to
supply current to support fast transients at the input of
the LDO. Bypassing each INL pin to GA with 1μF. High
quality ceramic capacitors such as X7R and X5R
dielectric types are strongly recommended.
Output Capacitor Selection
Each LDO requires a small 2.2μF ceramic output
capacitor for stability. For best performance, each
output capacitor should be connected directly between
the output and GA pins, as close to the output as possi-
ble, and with a short, direct connection. High quality ce-
ramic capacitors such as X7R and X5R dielectric types
are strongly recommended.
Configuration Options
Output Voltage Programming
By default, each LDO powers up and regulates to its
default output voltage. Once the system is enabled,
each output voltage may be independently programmed
to a different value by writing to the regulator's VSET[ ]
register via the I2C serial interface as shown in Table 5.
Enable / Disable Control
During normal operation, each LDO may be enabled or
disabled via the I2C interface by writing to that LDO's
ON[ ] bit.
Output Discharge
Each of the LDOs features an optional output discharge
function, which discharges the output to ground through
a 1.5kΩ resistance when the LDO is disabled. This
feature may be enabled or disabled by setting DIS[ ]; set
DIS[ ] to 1 to enable this function, clear DIS[ ] to 0 to
disable it.
OK[ ] and Output Fault Interrupt
Each LDO features a power-OK status bit that can be
read by the system microprocessor via the interface. If
an output voltage is lower than the power-OK threshold,
typically 11% below the programmed regulation voltage,
the value of that regulator's OK[ ] bit will be 0.
If a LDO's nFLTMSK[ ] bit is set to 1, the ACT8846 will
interrupt the processor if that LDO's output voltage falls
below the power-OK threshold. In this case, nIRQ will
assert low and remain asserted until either the regulator
is turned off or back in regulation, and the OK[ ] bit has
been read via I2C.
PCB Layout Considerations
The ACT8846’s LDOs provide good DC, AC, and noise
performance over a wide range of operating conditions,
and are relatively insensitive to layout considerations.
When designing a PCB, however, careful layout is
necessary to prevent other circuitry from degrading
LDO performance.
A good design places input and output capacitors as
close to the LDO inputs and output as possible, and
utilizes a star-ground configuration for all regulators to
prevent noise-coupling through ground. Output traces
should be routed to avoid close proximity to noisy nodes,
particularly the SW nodes of the DC/DCs.
REFBP is a noise-filtered reference, and internally has
a direct connection to the linear regulator controller. Any
noise injected onto REFBP will directly affect the
outputs of the linear regulators, and therefore special
care should be taken to ensure that no noise is injected
to the outputs via REFBP. As with the LDO output
capacitors, the REFBP bypass capacitor should be
placed as close to the IC as possible, with short, direct
connections to the star-ground. Avoid the use of via
whenever possible. Noisy nodes, such as from the
DC/DCs, should be routed as far away from REFBP as
possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com