Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8846 Datasheet(PDF) 35 Page - Qorvo, Inc

Part # ACT8846
Description  Advanced PMU for Multi-core Application Processors
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT8846 Datasheet(HTML) 35 Page - Qorvo, Inc

Back Button ACT8846 Datasheet HTML 31Page - Qorvo, Inc ACT8846 Datasheet HTML 32Page - Qorvo, Inc ACT8846 Datasheet HTML 33Page - Qorvo, Inc ACT8846 Datasheet HTML 34Page - Qorvo, Inc ACT8846 Datasheet HTML 35Page - Qorvo, Inc ACT8846 Datasheet HTML 36Page - Qorvo, Inc ACT8846 Datasheet HTML 37Page - Qorvo, Inc ACT8846 Datasheet HTML 38Page - Qorvo, Inc ACT8846 Datasheet HTML 39Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
ACT8846
Advanced PMU for Multi-core
Application Processors
Data Sheet Rev. 13.0, Nov. 11, 2019 | Subject to change without notice
35 of 63
www.qorvo.com
FUNCTIONAL DESCRIPTION
I2C Interface
The ACT8846 features an I2C interface that allows
advanced programming capability to enhance overall
system performance. To ensure compatibility with a
wide range of system processors, the I2C interface
supports clock speeds of up to 400kHz (“Fast-Mode”
operation) and uses standard I2C commands. I2C
write-byte commands are used to program the
ACT8846, and I2C read-byte commands are used to
read the ACT8846’s internal registers. The ACT8846
always operates as a slave device, and is addressed
using a 7-bit slave address followed by an eighth bit,
which indicates whether the transaction is a read-
operation or a write-operation, [1011010x].
SDA is a bi-directional data line and SCL is a clock input.
The master device initiates a transaction by issuing a
START condition, defined by SDA transitioning from
high to low while SCL is high. Data is transferred in
8-bit packets, beginning with the MSB, and is clocked-
in on the rising edge of SCL. Each packet of data is
followed by an “Acknowledge” (ACK) bit, used to
confirm that the data was transmitted successfully.
For more information regarding the I2C 2-wire serial
interface, go to the NXP website: http://www.nxp.com.
Housekeeping Functions
Programmable battery Voltage Monitor
The ACT8846 features a programmable battery-voltage
monitor, which monitors the voltage at INL2 (which
should be connected directly to the battery) and com-
pares it to a programmable threshold voltage. The
VBATMON comparator is designed to be immune to
noise resulting from switching, load transients, etc. The
BATMON comparator is disable by default; to enable it,
set the BATLEV[3:0] register to one of the value in Table
4. Note that there is a 200mV hysteresis between the
rising and falling threshold for the comparator. The
VBATDAT [ ] bit reflects the output of the BATMON
comparator. The value of VBATDAT[ ] is 1 when VINL2
< BATLEV; value is 0 otherwise.
The VBATMON comparator can generate an interrupt
when VINL2 is lower than BATLEV[ ] voltage. The
interrupt is masked by default by can be unmasked by
setting VBATMSK[ ] = 1.
Table 4:
BATLEV Falling Threshold
BATLEV[3:0]
BATLEV Falling Threshold
0000
2.5
0001
2.6
0010
2.7
0011
2.8
0100
2.9
0101
3.0
0110
3.1
0111
3.2
1000
3.3
1001
3.4
1010
3.5
1011
3.6
1100
3.7
1101
3.8
1110
3.9
1111
4.0
Thermal Protection
The ACT8846 integrates thermal shutdown protection
circuitry to prevent damage resulting from excessive
thermal stress, as may be encountered under fault
conditions.
Thermal Interrupt
If the thermal interrupt is unmasked (by setting nTMSK[ ]
to 1), ACT8846 can generate an interrupt when the die
temperature reaches 120°C (typ).
Thermal Protection
If the ACT8846 die temperature exceeds 160°C, the
thermal protection circuitry disables all regulators and
prevents the regulators from being enabled until the IC
temperature drops by 20°C (typ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com