| Electronic Components Datasheet Search |
|
ADF4382ABCCZ Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADF4382ABCCZ Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 82 page ![]() Data Sheet ADF4382A APPLICATIONS INFORMATION analog.com Rev. A | 32 of 82 POWER-UP AND INITIALIZATION SEQUENCE The following steps describe the recommended power-up and initi- alization sequence of the ADF4382A: 1. Apply specified voltages to the V5V, V3.3V_1, and V3.3V_2 power supply groups. The ADF4382A is in full power-down mode at this point and SPI programming is not possible. 2. Set the CE pin to a logic high. It is acceptable to connect the CE pin to the V3_LDO pin via a pull-up resistor. Therefore, Step 1 and Step 2 are performed coincidentally. 3. After waiting ≥200 μs for all SPI register bits to settle to their power-on reset (POR) state, begin programming the SPI to configure the ADF4382A to a desired state. The following is the recommended SPI programming sequence: a. Set the SDO_ACTIVE and CMOS_OV bits to a desired state for future readback operations. b. Program all required register addresses. The ordering of programming does not matter except to ensure that register 0x010 is the last register write. There are several required reserved register field settings provided in Register Map that are required for proper device operation. 4. The ADF4382A remains in power-down mode until the PD_ALL bit is programmed to 0. After PD_ALL is disabled, VTUNE is precharged in the loop filter to reduce VCO calibration time. The precharge time required before starting a VCO calibration depends on the largest value of capacitor in the loop filter. The wait time is: 750 × CMAX,whereCMAXisthemaximumvalue capacitor in the loop filter. The minimum precharge time is 50 μs. 5. A write to Register 0x010 starts a VCO autocalibration. At this point, the ADF4382A is fully operational and new frequencies can be programmed as often as desired. The following steps are information for the PD_ALL bit and the CE pin. 6. Setting PD_ALL to 1 power down the ADF4382A, retaining the latest programmed SPI settings and full SPI programming capability. 7. If only the state of PD_ALL was modified in Step 6, setting PD_ALL to 0 returns the ADF4382A to the frequency program- med in Step 5. After a 10 μs wait, all circuit blocks are completely powered up internally. This 10 μs wait does not include the frequency settling time associated with the loop filter bandwidth. 8. Toggling the CE pin level causes the ADF4382A to return to full power-down mode and return the SPI registers to the POR state (see Step 2 and Step 3). Figure 59. Power-Up and Initialization Programming Procedure There are two different methods to power up the ADF4382A. The most commonly used method is provided in the Standard Power-Up and Initialization Sequence, Automatic VCO Calibration section is mandatory at the initial device power-up. The method provided in the Fast Power-Up and Initialization, Man- ually Programmed VCO Calibration Settings section is an optional power-up procedure after the initial power-up. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |