Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4382ABCCZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 39Page - Analog Devices ADF4382ABCCZ Datasheet HTML 40Page - Analog Devices ADF4382ABCCZ Datasheet HTML 41Page - Analog Devices ADF4382ABCCZ Datasheet HTML 42Page - Analog Devices ADF4382ABCCZ Datasheet HTML 43Page - Analog Devices ADF4382ABCCZ Datasheet HTML 44Page - Analog Devices ADF4382ABCCZ Datasheet HTML 45Page - Analog Devices ADF4382ABCCZ Datasheet HTML 46Page - Analog Devices ADF4382ABCCZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 43 of 82
Table 28. ADF4382A Register Summary (Continued)
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x05E REG005E
[7:0]
VCO_BAND[7:0]
0x00
R
0x05F REG005F
[7:0]
RESERVED
VCO_CORE VCO_BAND[
8]
0x00
R
0x061 REG0061
[7:0]
CUM_PHASE_ADJ[7:0]
0x00
R
0x062 REG0062
[7:0]
CUM_PHASE_ADJ[15:8]
0x00
R
0x063 REG0063
[7:0]
RESERVED
CUM_PHAS
E_ADJ[16]
0x00
R
0x064 REG0064
[7:0]
DEL_CNT[7:0]
0x00
R
0x065 REG0065
[7:0]
DEL_CNT[15:8]
0x00
R
0x066 REG0066
[7:0]
FIRST_PASS_VCO_BAND
0x00
R
0x067 REG0067
[7:0]
VERSION
0x00
R
0x100 REG0100
[7:0]
RESERVED
0x3F
0x00
R/W
0x101 REG0101
[7:0]
RESERVED
0x3F
0x00
R/W
0x102 REG0102
[7:0]
RESERVED
0x3F
0x00
R/W
0x103 REG0103
[7:0]
RESERVED
0x3F
0x00
R/W
0x104 REG0104
[7:0]
RESERVED
0x3F
0x00
R/W
0x105 REG0105
[7:0]
RESERVED
0x3F
0x00
R/W
0x106 REG0106
[7:0]
RESERVED
0x3F
0x00
R/W
0x107 REG0107
[7:0]
RESERVED
0x3F
0x00
R/W
0x108 REG0108
[7:0]
RESERVED
0x3F
0x00
R/W
0x109 REG0109
[7:0]
RESERVED
0x25
0x00
R/W
0x10A REG010A
[7:0]
RESERVED
0x25
0x00
R/W
0x10B REG010B
[7:0]
RESERVED
0x3F
0x00
R/W
0x10C REG010C
[7:0]
RESERVED
0x3F
0x00
R/W
0x10D REG010D
[7:0]
RESERVED
0x3F
0x00
R/W
0x10E REG010E
[7:0]
RESERVED
0x3F
0x00
R/W
0x10F REG010F
[7:0]
RESERVED
0x3F
0x00
R/W
0x110 REG0110
[7:0]
RESERVED
0x3F
0x00
R/W
0x111 REG0111
[7:0]
RESERVED
0x3F
0x00
R/W
0x200 REG0200
[7:0]
RESERVED
LUT_WR_ADDR
O_VCO_LU
T
0x00
R/W
0x201 REG0201
[7:0]
M_LUT_BAND[7:0]
0x00
R/W
0x202 REG0202
[7:0]
M_LUT_N[5:0]
M_LUT_CO
RE
M_LUT_BA
ND[8]
0x00
R/W
0x203 REG0203
[7:0]
RESERVED
M_LUT_N[11:6]
0x00
R/W
0x204 REG0204
[7:0]
LUT_BAND_0[7:0]
0x00
R
0x205 REG0205
[7:0]
RESERVED
LUT_CORE[
0]
LUT_BAND_
0[8]
0x00
R
0x206 REG0206
[7:0]
LUT_BAND_1[7:0]
0x00
R
0x207 REG0207
[7:0]
RESERVED
LUT_CORE[
1]
LUT_BAND_
1[8]
0x00
R
0x208 REG0208
[7:0]
LUT_BAND_2[7:0]
0x00
R
0x209 REG0209
[7:0]
RESERVED
LUT_CORE[
2]
LUT_BAND_
2[8]
0x00
R
0x20A REG020A
[7:0]
LUT_BAND_3[7:0]
0x00
R
0x20B REG020B
[7:0]
RESERVED
LUT_CORE[
3]
LUT_BAND_
3[8]
0x00
R
0x20C REG020C
[7:0]
LUT_BAND_4[7:0]
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com