Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4382ABCCZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 6Page - Analog Devices ADF4382ABCCZ Datasheet HTML 7Page - Analog Devices ADF4382ABCCZ Datasheet HTML 8Page - Analog Devices ADF4382ABCCZ Datasheet HTML 9Page - Analog Devices ADF4382ABCCZ Datasheet HTML 10Page - Analog Devices ADF4382ABCCZ Datasheet HTML 11Page - Analog Devices ADF4382ABCCZ Datasheet HTML 12Page - Analog Devices ADF4382ABCCZ Datasheet HTML 13Page - Analog Devices ADF4382ABCCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Data Sheet
ADF4382A
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 10 of 82
TA = 25°C, unless otherwise noted.
Table 3. Absolute Maximum Ratings
Parameter
Rating
V3.3V_1 (V3_LS, V3_LDO, V3_REF, V3_PFD,
and V3_NDIV) to GND
−0.3 V to +3.6 V
V3.3V_2 (V3_VCO, V3_OUTDIV, V3_RFOUT1,
and V3_FOUT2) to GND
−0.3 V to +3.6 V
VV5_CAL, VV5_VCO, and VV5_CP to GND
−0.3 V to +5.5 V
Voltage on CP Pin
−0.3 V to V5_CP + 0.3 V
Voltage on All Other Pins
−0.3 V to V3.3V_1 + 0.3 V
Digital Outputs (MUXOUT, LKDET, SDO, and
SDIO)
5 mA
RFOUT1P/RFOUT1N and RFOUT2P/RFOUT2N Maximum (GND − 0.3 V,
V3.3V_2 −1.2 V) to V3.3V_2 + 0.3
V
REFP and REFN
−0.65 V to V3.3V_1 + 0.65 V
Voltage on all Other Pins
−0.3 V to V3.3V_1 + 0.3 V
REFP to REFN and SYNCP to SYNCN
±1.35 V
Temperature
Operating Junction Range
−40°C to +125°C
Storage Range
−55°C to +125°C
Maximum Junction
125°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
30 sec
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages. θJC-TOP
and θJC-BOTTOM are the junction-to-case thermal resistance top and
bottom.
Table 4. Thermal Resistance
Package Type1
θJA
θJC-TOP
θJC-BOTTOM
Unit
CC-48-10
25.23
16.11
5.10
°C/W
1 Test Condition 1: thermal impedance simulated values are based on use of a
4-layer PCB with the thermal impedance paddle soldered to a ground plane.
TRANSISTOR COUNT
The transistor count for the ADF4382A is 4700 (bipolar) and
385,400 (CMOS).
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADF4382A
Table 5. ADF4382A, 48-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
4000
3A
CDM
1000
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com