Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4382ABCCZ Datasheet(PDF) 59 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 55Page - Analog Devices ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices ADF4382ABCCZ Datasheet HTML 57Page - Analog Devices ADF4382ABCCZ Datasheet HTML 58Page - Analog Devices ADF4382ABCCZ Datasheet HTML 59Page - Analog Devices ADF4382ABCCZ Datasheet HTML 60Page - Analog Devices ADF4382ABCCZ Datasheet HTML 61Page - Analog Devices ADF4382ABCCZ Datasheet HTML 62Page - Analog Devices ADF4382ABCCZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 59 of 82
Address: 0x044, Reset: 0x00, Name: REG0044
Table 89. Bit Descriptions for REG0044
Bits
Bit Name
Description
Reset
Access
7
VCAL_ZERO
Extends the range of loop filter component values over which the VCAL-Gen amplifier driving Vtune is stable.
0x0
R/W
[6:0]
REG44_RSV0
Programmable increasing with temperature component of VCAL.
0x0
R/W
Address: 0x045, Reset: 0x00, Name: REG0045
Table 90. Bit Descriptions for REG0045
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
[6:0]
REG45_RSV0
Programmable decreasing with temperature component of VCAL.
0x0
R/W
Address: 0x04B, Reset: 0x00, Name: REG004B
Table 91. Bit Descriptions for REG004B
Bits
Bit Name
Description
Reset
Access
[7:0]
REG4B_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x04C, Reset: 0x00, Name: REG004C
Table 92. Bit Descriptions for REG004C
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R/W
[5:0]
REG4C_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x04D, Reset: 0x00, Name: REG004D
Table 93. Bit Descriptions for REG004D
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R/W
2
O_VCO_BIAS
Override VCO Bias with M_VCO_BIAS.
0x0
R/W
1
O_VCO_BAND
Override VCO Band with M_VCO_BAND.
0x0
R/W
0: VCO Band Code from VCO Calibration State-machine.
1: VCO Band Code from M_VCO_BAND.
0
O_VCO_CORE
Override VCO Core with M_VCO_CORE.
0x0
R/W
0: VCO Core Select from VCO Calibration State-machine.
1: VCO Core Select from M_VCO_CORE.
Address: 0x04F, Reset: 0x00, Name: REG004F
Table 94. Bit Descriptions for REG004F
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_SCALE
Set the scaling factor for the use of the LUT: LUT_SCALE = (fPFD/PFD LUT Frequency (fPFDLUT)) × 8.
0x0
R/W
00: Scale the LUT by 0.0625.
01: Scale the LUT by 1.
10: Scale the LUT by 15.9375.
Address: 0x053, Reset: 0x00, Name: REG0053



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com