Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4382ABCCZ Datasheet(PDF) 60 Page - Analog Devices

Part # ADF4382ABCCZ
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4382ABCCZ Datasheet(HTML) 60 Page - Analog Devices

Back Button ADF4382ABCCZ Datasheet HTML 56Page - Analog Devices ADF4382ABCCZ Datasheet HTML 57Page - Analog Devices ADF4382ABCCZ Datasheet HTML 58Page - Analog Devices ADF4382ABCCZ Datasheet HTML 59Page - Analog Devices ADF4382ABCCZ Datasheet HTML 60Page - Analog Devices ADF4382ABCCZ Datasheet HTML 61Page - Analog Devices ADF4382ABCCZ Datasheet HTML 62Page - Analog Devices ADF4382ABCCZ Datasheet HTML 63Page - Analog Devices ADF4382ABCCZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
Data Sheet
ADF4382A
REGISTER MAP
analog.com
Rev. A | 60 of 82
Table 95. Bit Descriptions for REG0053
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R/W
6
PD_SYNC_MON
Power down the SYNC setup and hold monitor.
0x0
R/W
0: Normal Operation.
1: Power down the SYNC Setup/hold monitor.
5
SYNC_SEL
SYNC CML/PECL input or LVDS input.
0x0
R/W
0: CML/PECL input.
1: LVDS input.
4
RST_SYNC_MON
Clear the output latch of the setup and hold monitor.
0x0
R/W
0: Reset Inactive.
1: Reset Active.
[3:0]
REG53_RSV0
Reserved. ADF4382A register map provides reserved register settings.
0x0
R/W
Address: 0x054, Reset: 0x00, Name: REG0054
Table 96. Bit Descriptions for REG0054
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
ADC_ST_CNV
Starts an ADC conversion.
0x0
R/W
Address: 0x055, Reset: 0x00, Name: REG0055
Table 97. Bit Descriptions for REG0055
Bits
Bit Name
Description
Reset
Access
[7:0]
COUNTER_READBACK[7:0]
Frequency counter output.
0x0
R
Address: 0x056, Reset: 0x00, Name: REG0056
Table 98. Bit Descriptions for REG0056
Bits
Bit Name
Description
Reset
Access
[7:0]
COUNTER_READBACK[15:8]
Frequency counter output.
0x0
R
Address: 0x057, Reset: 0x00, Name: REG0057
Table 99. Bit Descriptions for REG0057
Bits
Bit Name
Description
Reset
Access
[7:0]
COUNTER_READBACK[23:16]
Frequency counter output.
0x0
R
Address: 0x058, Reset: 0x00, Name: REG0058
Table 100. Bit Descriptions for REG0058
Bits
Bit Name
Description
Reset
Access
7
LUT_BUSY
VCO LUT generation status.
0x0
R
6
SYNC_OK
SYNC is setup/hold time with respect to reference indicator.
0x0
R
0: SYNC is not in correct setup and hold with respect to reference.
1: SYNC is in correct setup and hold with respect to reference.
5
DEL_STR
Delay Strobe indicator.
0x0
R
4
DEL_ADJ
Delay Adjust direction indicator.
0x0
R
0: Negative phase adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com