Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA203 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA203
Description  INA203-Q1 Automotive Grade, –16 V to 80 V, Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor With Dual Comparators and Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA203 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA203 Datasheet HTML 13Page - Texas Instruments INA203 Datasheet HTML 14Page - Texas Instruments INA203 Datasheet HTML 15Page - Texas Instruments INA203 Datasheet HTML 16Page - Texas Instruments INA203 Datasheet HTML 17Page - Texas Instruments INA203 Datasheet HTML 18Page - Texas Instruments INA203 Datasheet HTML 19Page - Texas Instruments INA203 Datasheet HTML 20Page - Texas Instruments INA203 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
V
RTI(Referred-To-Input)=
OS
V
OUT1
G
- 100mV
G=
V
V
-
OUT1
OUT2
100mV
20mV
-
17
INA203-Q1
www.ti.com
SBOS539A – DECEMBER 2010 – REVISED APRIL 2016
Product Folder Links: INA203-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Application Information (continued)
9.1.4.1 Normal Case 1: VSENSE ≥ 20 mV, VCM ≥ VS
This region of operation provides the highest accuracy. Here, the input offset voltage is characterized and
measured using a two-step method. First, the gain is determined by Equation 3.
where
•
VOUT1 = output voltage with VSENSE = 100 mV
•
VOUT2 = output voltage with VSENSE = 20 mV
(3)
Then the offset voltage is measured at VSENSE = 100 mV and referred to the input (RTI) of the current shunt
monitor, as shown in Equation 4.
(4)
In the Typical Characteristics section, the Output Error vs Common-Mode Voltage curve (Figure 7) shows the
highest accuracy for this region of operation. In this plot, VS = 12 V; for VCM ≥ 12 V, the output error is at its
minimum. This case is also used to create the VSENSE ≥ 20 mV output specifications in the Electrical
Characteristics table.
9.1.4.2 Normal Case 2: VSENSE ≥ 20 mV, VCM < VS
This region of operation has slightly less accuracy than Normal Case 1 as a result of the common-mode
operating area in which the part functions, as seen in the Output Error vs Common-Mode Voltage curve
(Figure 7). As noted, for this graph VS = 12 V; for VCM < 12 V, the output error increases as VCM becomes less
than 12 V, with a typical maximum error of 0.005% at the most negative VCM = –16 V.
9.1.4.3 Low VSENSE Case 1:
VSENSE < 20 mV, –16 V ≤ VCM < 0; and
Low VSENSE Case 3:
VSENSE < 20 mV, VS < VCM ≤ 80 V
Although the INA203-Q1 is not designed for accurate operation in either of these regions, some applications are
exposed to these conditions; for example, when monitoring power supplies that are switched on and off while VS
is still applied to the INA203-Q1. It is important to know what the behavior of the devices will be in these regions.
As VSENSE approaches 0 mV, in these VCM regions, the device output accuracy degrades. A larger-than-normal
offset can appear at the current shunt monitor output with a typical maximum value of VOUT = 300 mV for VSENSE
= 0 mV. As VSENSE approaches 20 mV, VOUT returns to the expected output value with accuracy as specified in
the Electrical Characteristics. Figure 32 illustrates this effect (Gain = 100).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com